Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 109Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 110Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 111Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 112Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 113Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 114Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 115Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 116Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 111
13.0
POWER CONTROL PWM
MODULE
The Power Control PWM module simplifies the task of
generating
multiple,
synchronized
Pulse-Width
Modulated (PWM) outputs for use in the control of
motor controllers and power conversion applications.
In particular, the following power and motion control
applications are supported by the PWM module:
• Three-Phase and Single-Phase AC Induction
Motors
• Switched Reluctance Motors
• Brushless DC (BLDC) Motors
• Uninterruptible Power Supplies (UPS)
• Multiple DC Brush Motors
The PWM module has the following features:
• Up to six PWM I/O pins with three duty cycle
generators. Pins can be paired to acquire a
complete half-bridge control.
• Up to 14-bit resolution, depending upon the PWM
period.
• “On-the-fly” PWM frequency changes.
• Edge and Center-Aligned Output modes.
• Single-Pulse Generation mode.
• Programmable dead-time control between paired
PWMs.
• Interrupt support for asymmetrical updates in
Center-Aligned mode.
• Output override for Electrically Commutated Motor
(ECM) operation; for example, BLDC.
• Special Event Trigger comparator for triggering A/D
conversion.
• PWM outputs disable feature sets PWM outputs to
their inactive state when in Debug mode.
The Power Control PWM module supports three PWM
generators and six output channels on PIC18F1230/
1330 devices. A simplified block diagram of the module
is shown in Figure 13-1. Figure 13-2 and Figure 13-3
show how the module hardware is configured for each
PWM
output
pair
for
the
Complementary
and
Independent Output modes.
Each functional unit of the PWM module will be
discussed in subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com