| Electronic Components Datasheet Search |
|
PIC18F1230-E/SOSQTP Datasheet(PDF) 115 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F1230-E/SOSQTP Datasheet(HTML) 115 Page - Microchip Technology |
|
115 / 312 page ![]() PIC18F1230/1330 © 2006 Microchip Technology Inc. Advance Information DS39758B-page 113 FIGURE 13-2: PWM MODULE BLOCK DIAGRAM, ONE OUTPUT PAIR, COMPLEMENTARY MODE FIGURE 13-3: PWM MODULE BLOCK DIAGRAM, ONE OUTPUT PAIR, INDEPENDENT MODE This module contains three duty cycle generators, numbered 0 through 2. The module has six PWM output pins, numbered 0 through 5. The six PWM outputs are grouped into output pairs of even and odd numbered outputs. In Complementary modes, the even PWM pins must always be the complement of the corresponding odd PWM pins. For example, PWM0 will be the complement of PWM1 and PWM2 will be the complement of PWM3. The dead-time generator inserts an OFF period called “dead time” between the going OFF of one pin to the going ON of the complementary pin of the paired pins. This is to prevent damage to the power switching devices that will be connected to the PWM output pins. The time base for the PWM module is provided by its own 12-bit timer, which also incorporates selectable prescaler and postscaler options. PWM Duty Cycle Register Duty Cycle Comparator Dead-Band Generator Fault Override Values Channel Override Values Fault Pin Assignment Logic Fault A pin HPOL LPOL PWM1 PWM0 VDD Note: In the Complementary mode, the even channel cannot be forced active by a Fault or override event when the odd channel is active. The even channel is always the complement of the odd channel and is inactive, with dead time inserted, before the odd channel is driven to its active state. Duty Cycle Comparator PWM Duty Cycle Register Fault A pin HPOL LPOL PWM1 PWM0 VDD VDD Fault Override Values Channel Override Values Fault Pin Assignment Logic |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |