Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 119 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 119 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 115Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 116Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 117Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 118Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 119Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 120Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 121Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 122Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 117
REGISTER 13-3:
PWMCON0: PWM CONTROL REGISTER 0
U-0
R/W-1(1)
R/W-1(1)
R/W-1(1)
U-0
R/W-0
R/W-0
R/W-0
—
PWMEN2
PWMEN1
PWMEN0
—
PMOD2
PMOD1
PMOD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-4
PWMEN2:PWMEN0: PWM Module Enable bits(1)
111
= All odd PWM I/O pins enabled for PWM output
110
= PWM1, PWM3 pins enabled for PWM output
10x
= All PWM I/O pins enabled for PWM output
011
= PWM0, PWM1, PWM2 and PWM3 I/O pins enabled for PWM output
010
= PWM0 and PWM1 pins enabled for PWM output
001
= PWM1 pin is enabled for PWM output
000
= PWM module disabled; all PWM I/O pins are general purpose I/O
bit 3
Unimplemented: Read as ‘0’
bit 2-0
PMOD2:PMOD0: PWM Output Pair Mode bits
For PMOD0:
1
= PWM I/O pin pair (PWM0, PWM1) is in the Independent mode
0
= PWM I/O pin pair (PWM0, PWM1) is in the Complementary mode
For PMOD1:
1
= PWM I/O pin pair (PWM2, PWM3) is in the Independent mode
0
= PWM I/O pin pair (PWM2, PWM3) is in the Complementary mode
For PMOD2:
1
= PWM I/O pin pair (PWM4, PWM5) is in the Independent mode
0
= PWM I/O pin pair (PWM4, PWM5) is in the Complementary mode
Note 1:
Reset condition of PWMEN bits depends on the PWMPIN Configuration bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com