Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 129 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 129 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 125Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 126Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 127Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 128Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 129Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 130Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 131Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 132Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 127
FIGURE 13-14:
DUTY CYCLE UPDATE TIMES IN CONTINUOUS UP/DOWN COUNT MODE WITH
DOUBLE UPDATES
13.6.4
CENTER-ALIGNED PWM
Center-aligned PWM signals are produced by the
module when the PWM time base is configured in a
Continuous Up/Down Count mode (see Figure 13-15).
The PWM compare output is driven to the active state
when the value of the Duty Cycle register matches the
value of PTMR and the PWM time base is counting
downwards (PTDIR = 1). The PWM compare output
will be driven to the inactive state when the PWM time
base is counting upwards (PTDIR = 0) and the value in
the PTMR register matches the duty cycle value. If the
value in a particular Duty Cycle register is zero, then
the output on the corresponding PWM pin will be
inactive for the entire PWM period. In addition, the
output on the PWM pin will be active for the entire PWM
period if the value in the Duty Cycle register is equal to
or greater than the value in the PTPER register.
FIGURE 13-15:
START OF CENTER-ALIGNED PWM
PTMR Value
PWM Output
Duty Cycle Value Loaded from Buffer Register
New Values Written to Duty Cycle Buffer
Note:
When the PWM is started in Center-
Aligned mode, the PWM Time Base
Period register (PTPER) is loaded into the
PWM Time Base register (PTMR) and the
PTMR is configured automatically to start
down counting. This is done to ensure that
all the PWM signals don’t start at the same
time.
0
PTPER
PTMR
Value
Period
Period/2
Duty
Cycle
Start of
First
PWM
Period
Period
Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com