Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 130 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 130 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 126Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 127Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 128Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 129Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 130Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 131Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 132Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 133Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 312 page
background image
PIC18F1230/1330
DS39758B-page 128
Advance Information
© 2006 Microchip Technology Inc.
13.6.5
COMPLEMENTARY PWM
OPERATION
The Complementary mode of PWM operation is useful
to drive one or more power switches in half-bridge
configuration, as shown in Figure 13-16. This inverter
topology is typical for a 3-phase induction motor,
brushless DC motor or 3-phase Uninterruptible Power
Supply (UPS) control applications.
Each upper/lower power switch pair is fed by a
complementary PWM signal. Dead time may be
optionally inserted during device switching, where both
outputs
are
inactive
for
a
short
period
(see
Section 13.7 “Dead-Time Generators”).
In Complementary mode, the duty cycle comparison
units are assigned to the PWM outputs as follows:
• PDC0 register controls PWM1/PWM0 outputs
• PDC1 register controls PWM3/PWM2 outputs
• PDC2 register controls PWM5/PWM4 outputs
PWM1/3/5 are the main PWMs that are controlled by
the
PDCx
registers
and
PWM0/2/4
are
the
complemented outputs. When using the PWMs to
control the half-bridge, the odd number PWMs can be
used to control the upper power switch and the even
numbered PWMs can be used for the lower switches.
FIGURE 13-16:
TYPICAL LOAD FOR
COMPLEMENTARY PWM
OUTPUTS
The Complementary mode is selected for each PWM
I/O pin pair by clearing the appropriate PMODx bit in
the PWMCON0 register. The PWM I/O pins are set to
Complementary mode by default upon all kinds of
device Resets.
+V
3-Phase
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com