Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 137 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 137 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 133Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 134Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 135Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 136Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 137Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 138Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 139Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 140Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 135
FIGURE 13-21:
PWM OUTPUT OVERRIDE
EXAMPLE #1
TABLE 13-4:
PWM OUTPUT OVERRIDE
EXAMPLE #1
TABLE 13-5:
PWM OUTPUT OVERRIDE
EXAMPLE #2
FIGURE 13-22:
PWM OUTPUT OVERRIDE
EXAMPLE #2
13.11 PWM Output and Polarity Control
There are three device Configuration bits associated
with the PWM module that provide PWM output pin
control defined in the CONFIG3L register. They are:
•HPOL
•LPOL
•PWMPIN
These three Configuration bits work in conjunction with
the three PWM Enable bits (PWMEN2:PWMEN0) in
the PWMCON0 register. The Configuration bits and
PWM enable bits ensure that the PWM pins are in the
correct states after a device Reset occurs.
13.11.1
OUTPUT PIN CONTROL
The PWMEN2:PWMEN0 control bits enable each
PWM output pin as required in the application.
All PWM I/O pins are general purpose I/O. When a pair
of pins is enabled for PWM output, the PORT and TRIS
registers controlling the pins are disabled. Refer to
Figure 13-23 for details.
13.11.2
OUTPUT POLARITY CONTROL
The polarity of the PWM I/O pins is set during device
programming via the HPOL and LPOL Configuration
bits in the CONFIG3L register. The HPOL Configura-
tion bit sets the output polarity for the high side PWM
outputs: PWM1, PWM3 and PWM5. The polarity is
active-high when HPOL is cleared (= 0) and active-low
when it is set (= 1).
The LPOL Configuration bit sets the output polarity for
the low side PWM outputs: PWM0, PWM2 and PWM4.
As with HPOL, they are active-high when LPOL is
cleared and active-low when set.
All output signals generated by the PWM module are
referenced to the polarity control bits, including those
generated by Fault inputs or manual override (see
Section 13.10 “PWM Output Override”).
The default polarity Configuration bits have the PWM
I/O pins in active-high output polarity.
State
OVDCOND (POVD)
OVDCONS (POUT)
1
00000000b
00100100b
2
00000000b
00100001b
3
00000000b
00001001b
4
00000000b
00011000b
5
00000000b
00010010b
6
00000000b
00000110b
State
OVDCOND (POVD)
OVDCONS (POUT)
1
00000011b
00000000b
2
00110000b
00000000b
3
00111100b
00000000b
4
00001111b
00000000b
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
12345
6
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com