Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 137Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 138Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 139Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 140Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 141Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 142Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 143Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 144Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 139
TABLE 13-6:
REGISTERS ASSOCIATED WITH THE POWER CONTROL PWM MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
41
IPR3
—
—
—PTIP
—
—
—
—43
PIE3
—
—
—PTIE
—
—
—
—43
PIR3
—
—
—PTIF
—
—
—
—43
PTCON0
PTOPS3
PTOPS2
PTOPS1
PTOPS0
PTCKPS1 PTCKPS0
PTMOD1
PTMOD0
43
PTCON1
PTEN
PTDIR
—
—
—
—
—
—43
PTMRL(1)
PWM Time Base Register (lower 8 bits)
43
PTMRH(1)
—
—
—
—
PWM Time Base Register (upper 4 bits)
43
PTPERL(1)
PWM Time Base Period Register (lower 8 bits)
43
PTPERH(1)
—
—
—
—
PWM Time Base Period Register
(upper 4 bits)
43
SEVTCMPL(1) PWM Special Event Compare Register (lower 8 bits)
43
SEVTCMPH(1)
—
—
—
—
PWM Special Event Compare Register
(upper 4 bits)
44
PWMCON0
—
PWMEN2(2) PWMEN1(2) PWMEN0(2)
—
PMOD2
PMOD1
PMOD0
44
PWMCON1
SEVOPS3 SEVOPS2
SEVOPS1
SEVOPS0
SEVTDIR
—
UDIS
OSYNC
44
DTCON
DTPS1
DTPS0
DT5
DT4
DT3
DT2
DT1
DT0
44
FLTCONFIG
BRFEN
—
—
—
—
FLTAS
FLTAMOD
FLTAEN
43
OVDCOND
—
—
POVD5
POVD4
POVD3
POVD2
POVD1
POVD0
44
OVDCONS
—
—
POUT5
POUT4
POUT3
POUT2
POUT1
POUT0
44
PDC0L(1)
PWM Duty Cycle #0L Register (lower 8 bits)
43
PDC0H(1)
—
—
PWM Duty Cycle #0H Register (upper 6 bits)
43
PDC1L(1)
PWM Duty Cycle #1L Register (lower 8 bits)
43
PDC1H(1)
—
—
PWM Duty Cycle #1H Register (upper 6 bits)
43
PDC2L(1)
PWM Duty Cycle #2L Register (lower 8 bits)
43
PDC2H(1)
—
—
PWM Duty Cycle #2H Register (upper 6 bits)
43
Legend:
-
= Unimplemented, u = Unchanged. Shaded cells are not used with the power control PWM.
Note 1:
Double-buffered register pairs. Refer to text for explanation of how these registers are read and written to.
2:
Reset condition of PWMEN bits depends on the PWMPIN Configuration bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com