Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 161Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 162Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 163Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 164Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 165Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 166Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 167Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 168Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 163
15.0
10-BIT ANALOG-TO-DIGITAL
CONVERTER (A/D) MODULE
The Analog-to-Digital (A/D) converter module has
4 inputs for the 18/20/28-pin devices. This module
allows conversion of an analog input signal to a
corresponding 10-bit digital number in PIC18F1230/
1330 devices.
The module has five registers:
• A/D Result Register High Byte (ADRESH)
• A/D Result Register Low Byte (ADRESL)
• A/D Control Register 0 (ADCON0)
• A/D Control Register 1 (ADCON1)
• A/D Control Register 2 (ADCON2)
The ADCON0 register, shown in
Register 15-1,
controls the operation of the A/D module. The
ADCON1 register, shown in Register 15-2, configures
the functions of the port pins. The ADCON2 register,
shown in Register 15-3, configures the A/D clock
source, programmed acquisition time and justification.
REGISTER 15-1:
ADCON0: A/D CONTROL REGISTER 0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
SEVTEN
—
—
—
CHS1
CHS0
GO/DONE
ADON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SEVTEN: Special Event Trigger Enable bit
1
= Special Event Trigger from Power Control PWM module is enabled
0
= Special Event Trigger from Power Control PWM module is disabled (default)
bit 6-4
Unimplemented: Read as ‘0’
bit 3-2
CHS1:CHS0: Analog Channel Select bits
00
= Channel 0 (AN0)
01
= Channel 1 (AN1)
10
= Channel 2 (AN2)
11
= Channel 3 (AN3)
bit 1
GO/DONE: A/D Conversion Status bit
When ADON = 1:
1
= A/D conversion in progress
0
= A/D Idle
bit 0
ADON: A/D On bit
1
= A/D converter module is enabled
0
= A/D converter module is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com