Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 162Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 163Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 164Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 165Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 166Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 167Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 168Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 169Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 312 page
background image
PIC18F1230/1330
DS39758B-page 164
Advance Information
© 2006 Microchip Technology Inc.
REGISTER 15-2:
ADCON1: A/D CONTROL REGISTER 1
U-0
U-0
U-0
R/W-0
R/W-0(1,2)
R/W(1)
R/W(1)
R/W(1)
—
—
—
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented: Read as ‘0’
bit 4
VCFG0: Voltage Reference Configuration bit (VREF+ source)
1
= Positive reference for the A/D is VREF+
0
= Positive reference for the A/D is AVDD
bit 3
PCFG3: A/D Port Configuration bit for RA6/AN3(1,2)
1
= Port is configured as AN3
0
= Port is configured as RA6
bit 2
PCFG2: A/D Port Configuration bit for RA4/AN2(1)
1
= Port is configured as AN2
0
= Port is configured as RA4
bit 1
PCFG1: A/D Port Configuration bit for RA1/AN1(1)
1
= Port is configured as AN1
0
= Port is configured as RA1
bit 0
PCFG0: A/D Port Configuration bit for RA0/AN0(1)
1
= Port is configured as AN0
0
= Port is configured as RA0
Note 1:
These bits reset to ‘1’ to configure the port as an analog input after Reset.
2:
This bit is unused and reads as ‘0’ if pin is not configured for use as RA6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com