Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 175 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 175 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 171Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 172Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 173Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 174Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 175Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 176Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 177Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 178Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 173
16.0
COMPARATOR MODULE
The
analog
comparator
module
contains
three
comparators. The inputs can be selected from the
analog inputs multiplexed with pins RA0, RB2 and
RB3, as well as the on-chip voltage reference (see
Section 17.0
“Comparator
Voltage
Reference
Module”). The digital outputs are not available at the
pin level and can only be read through the control
register, CMCON (Register 16-1). CMCON also selects
the comparator input.
REGISTER 16-1:
CMCON: COMPARATOR CONTROL REGISTER
R-0
R-0
R-0
U-0
U-0
R/W-0
R/W-0
R/W-0
C2OUT
C1OUT
C0OUT
—
—
CMEN2
CMEN1
CMEN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
C2OUT: Comparator 2 Output bit
1
= C2 VIN+ > C2 VIN- (CVREF)
0
= C2 VIN+ < C2 VIN- (CVREF)
bit 6
C1OUT: Comparator 1 Output bit
1
= C1 VIN+ > C1 VIN- (CVREF)
0
= C1 VIN+ < C1 VIN- (CVREF)-
bit 5
C0OUT: Comparator 0 Output bit
1
= C0 VIN+ > C0 VIN- (CVREF)
0
= C0 VIN+ < C0 VIN- (CVREF)
bit 4-3
Unimplemented: Read as ‘0’
bit 2
CMEN2: Comparator 2 Enable bit
1
= Comparator 2 is enabled
0
= Comparator 2 is disabled
bit 1
CMEN1: Comparator 1 Enable bit
1
= Comparator 1 is enabled
0
= Comparator 1 is disabled
bit 0
CMEN0: Comparator 0 Enable bit
1
= Comparator 0 is enabled
0
= Comparator 0 is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com