Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 178 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 178 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 174Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 175Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 176Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 177Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 178Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 179Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 180Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 181Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 312 page
background image
PIC18F1230/1330
DS39758B-page 176
Advance Information
© 2006 Microchip Technology Inc.
TABLE 16-1:
REGISTERS ASSOCIATED WITH COMPARATOR MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
CMCON
C2OUT
C1OUT
C0OUT
—
—
CMEN2
CMEN1
CMEN0
42
CVRCON
CVREN
—CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
42
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
41
PIR1
—
ADIF
RCIF
TXIF
CMP2IF
CMP1IF
CMP0IF
TMR1IF
43
PIE1
—
ADIE
RCIE
TXIE
CMP2IE
CMP1IE
CMP0IE
TMR1IE
43
IPR1
—
ADIP
RCIP
TXIP
CMP2IP
CMP1IP
CMP0IP
TMR1IP
43
PORTA
RA7(1)
RA6(1)
RA5(2)
RA4
RA3
RA2
RA1
RA0
44
LATA
LATA7(1)
LATA6(1)
PORTA Data Latch Register (Read and Write to Data Latch)
43
TRISA
TRISA7(1)
TRISA6(1) PORTA Data Direction Control Register
43
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
44
LATB
PORTB Data Latch Register (Read and Write to Data Latch)
43
TRISB
PORTB Data Direction Control Register
43
Legend: — = unimplemented, read as ‘0’. Shaded cells are unused by the comparator module.
Note 1:
PORTA<7:6> and their direction and latch bits are individually configured as port pins based on various
primary oscillator modes. When disabled, these bits read as ‘0’.
2:
The RA5 bit is only available when Master Clear Reset is disabled (MCLRE Configuration bit = 0);
otherwise, RA5 reads as ‘0’. This bit is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com