Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 182 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 182 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 178Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 179Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 180Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 181Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 182Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 183Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 184Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 185Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 312 page
background image
PIC18F1230/1330
DS39758B-page 180
Advance Information
© 2006 Microchip Technology Inc.
The module is enabled by setting the LVDEN bit. Each
time that the LVD module is enabled, the circuitry
requires some time to stabilize. The IRVST bit is a
read-only bit and is used to indicate when the circuit is
stable. The module can only generate an interrupt after
the circuit is stable and IRVST is set.
18.1
Operation
When the LVD module is enabled, a comparator uses
an internally generated reference voltage as the set
point. The set point is compared with the trip point,
where each node in the resistor divider represents a
trip point voltage. The “trip point” voltage is the voltage
level at which the device detects a low-voltage event
depending on the configuration of the module. When
the supply voltage is equal to the trip point, the voltage
tapped off of the resistor array is equal to the internal
reference voltage generated by the voltage reference
module. The comparator then generates an interrupt
signal by setting the LVDIF bit.
The trip point voltage is software programmable to any 1 of
15 values. The trip point is selected by programming the
LVDL3:LVDL0 bits (LVDCON<3:0>).
FIGURE 18-1:
LVD MODULE BLOCK DIAGRAM
Set
VDD
LVDEN
LVDCON
LVDL3:LVDL0
Register
LVDIF
LVDEN
BORENx
Internal Voltage
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com