Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51115ADFM Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # R5F51115ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51115ADFM Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button R5F51115ADFM Datasheet HTML 39Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 40Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 41Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 42Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 43Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 44Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 45Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 46Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 43 of 127
May 31, 2016
RX111 Group
4. I/O Registers
0008 B127h
ELC
Port Buffer Register 1
PDBF1
8
8
2 or 3 PCLKB
0008 B129h
ELC
Event Link Port Setting Register 0
PEL0
8
8
2 or 3 PCLKB
0008 B12Ah
ELC
Event Link Port Setting Register 1
PEL1
8
8
2 or 3 PCLKB
0008 B12Dh
ELC
Event Link Software Event Generation Register
ELSEGR
8
8
2 or 3 PCLKB
0008 B300h
SCI12
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 B301h
SCI12
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
0008 B302h
SCI12
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 B303h
SCI12
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
0008 B304h
SCI12
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 B305h
SCI12
Receive Data Register
RDR
8
8
2 or 3 PCLKB
0008 B306h
SCI12
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 B307h
SCI12
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 B308h
SCI12
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 B309h
SCI12
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 B30Ah
SCI12
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 B30Bh
SCI12
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 B30Ch
SCI12
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 B30Dh
SCI12
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
0008 B320h
SCI12
Extended Serial Mode Enable Register
ESMER
8
8
2 or 3 PCLKB
0008 B321h
SCI12
Control Register 0
CR0
8
8
2 or 3 PCLKB
0008 B322h
SCI12
Control Register 1
CR1
8
8
2 or 3 PCLKB
0008 B323h
SCI12
Control Register 2
CR2
8
8
2 or 3 PCLKB
0008 B324h
SCI12
Control Register 3
CR3
8
8
2 or 3 PCLKB
0008 B325h
SCI12
Port Control Register
PCR
8
8
2 or 3 PCLKB
0008 B326h
SCI12
Interrupt Control Register
ICR
8
8
2 or 3 PCLKB
0008 B327h
SCI12
Status Register
STR
8
8
2 or 3 PCLKB
0008 B328h
SCI12
Status Clear Register
STCR
8
8
2 or 3 PCLKB
0008 B329h
SCI12
Control Field 0 Data Register
CF0DR
8
8
2 or 3 PCLKB
0008 B32Ah
SCI12
Control Field 0 Compare Enable Register
CF0CR
8
8
2 or 3 PCLKB
0008 B32Bh
SCI12
Control Field 0 Receive Data Register
CF0RR
8
8
2 or 3 PCLKB
0008 B32Ch
SCI12
Primary Control Field 1 Data Register
PCF1DR
8
8
2 or 3 PCLKB
0008 B32Dh
SCI12
Secondary Control Field 1 Data Register
SCF1DR
8
8
2 or 3 PCLKB
0008 B32Eh
SCI12
Control Field 1 Compare Enable Register
CF1CR
8
8
2 or 3 PCLKB
0008 B32Fh
SCI12
Control Field 1 Receive Data Register
CF1RR
8
8
2 or 3 PCLKB
0008 B330h
SCI12
Timer Control Register
TCR
8
8
2 or 3 PCLKB
0008 B331h
SCI12
Timer Mode Register
TMR
8
8
2 or 3 PCLKB
0008 B332h
SCI12
Timer Prescaler Register
TPRE
8
8
2 or 3 PCLKB
0008 B333h
SCI12
Timer Count Register
TCNT
8
8
2 or 3 PCLKB
0008 C000h
PORT0
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C001h
PORT1
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C002h
PORT2
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C003h
PORT3
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C004h
PORT4
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C005h
PORT5
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C00Ah
PORTA
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C00Bh
PORTB
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C00Ch
PORTC
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C00Eh
PORTE
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C012h
PORTJ
Port Direction Register
PDR
8
8
2 or 3 PCLKB
0008 C020h
PORT0
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C021h
PORT1
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C022h
PORT2
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (11/16)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com