Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51115ADFM Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R5F51115ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51115ADFM Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R5F51115ADFM Datasheet HTML 48Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 49Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 50Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 51Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 52Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 53Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 54Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 55Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 52 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
[128-Kbyte or less flash memory]
Table 5.7
DC Characteristics (5) (1/2)
Conditions:
1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Typ
*4
Max
Unit
Test
Conditions
Supply
current*1
High-speed
operating mode
Normal
operating
mode
No peripheral operation*2
ICLK = 32 MHz
ICC
3.2
—
mA
ICLK = 16 MHz
2.2
—
ICLK = 8 MHz
1.7
—
All peripheral operation:
Normal*3
ICLK = 32 MHz
10.6
—
ICLK = 16 MHz
6.1
—
ICLK = 8 MHz
3.7
—
All peripheral operation:
Max.*3
ICLK = 32 MHz
—24
Sleep mode
No peripheral operation*2
ICLK = 32 MHz
1.8
—
ICLK = 16 MHz
1.4
—
ICLK = 8 MHz
1.1
—
All peripheral operation:
Normal*3
ICLK = 32 MHz
6.4
—
ICLK = 16 MHz
3.7
—
ICLK = 8 MHz
2.4
—
Deep sleep
mode
No peripheral operation*2
ICLK = 32 MHz
1.2
—
ICLK = 16 MHz
1.0
—
ICLK = 8 MHz
0.90
—
All peripheral operation:
Normal*3
ICLK = 32 MHz
4.6
—
ICLK = 16 MHz
2.8
—
ICLK = 8 MHz
1.8
—
Increase during flash rewrite*5
2.5
—
Middle-speed
operating modes
Normal
operating
mode
No peripheral operation*6
ICLK = 12 MHz
ICC
2.0
—
mA
ICLK = 8 MHz
1.3
—
ICLK = 1 MHz
0.75
—
All peripheral operation:
Normal*7
ICLK = 12 MHz
4.9
—
ICLK = 8 MHz
3.5
—
ICLK = 1 MHz
1.2
—
All peripheral operation:
Max.*7
ICLK = 12 MHz
—11
Sleep mode
No peripheral operation*6
ICLK = 12 MHz
1.4
—
ICLK = 8 MHz
0.85
—
ICLK = 1 MHz
0.65
—
All peripheral operation:
Normal*7
ICLK = 12 MHz
3.2
—
ICLK = 8 MHz
2.2
—
ICLK = 1 MHz
1.0
—
Deep sleep
mode
No peripheral operation*6
ICLK = 12 MHz
1.2
—
ICLK = 8 MHz
0.70
—
ICLK = 1 MHz
0.60
—
All peripheral operation:
Normal*7
ICLK = 12 MHz
2.5
—
ICLK = 8 MHz
1.8
—
ICLK = 1 MHz
0.90
—
Increase during flash rewrite*5
2.5
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com