Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51115ADFM Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R5F51115ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51115ADFM Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R5F51115ADFM Datasheet HTML 41Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 42Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 43Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 44Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 45Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 46Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 47Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 48Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 45 of 127
May 31, 2016
RX111 Group
4. I/O Registers
0008 C083h
PORT1
Open Drain Control Register 1
ODR1
8
8, 16
2 or 3 PCLKB
0008 C085h
PORT2
Open Drain Control Register 1
ODR1
8
8, 16
2 or 3 PCLKB
0008 C086h
PORT3
Open Drain Control Register 0
ODR0
8
8, 16
2 or 3 PCLKB
0008 C094h
PORTA
Open Drain Control Register 0
ODR0
8
8, 16
2 or 3 PCLKB
0008 C095h
PORTA
Open Drain Control Register 1
ODR1
8
8, 16
2 or 3 PCLKB
0008 C096h
PORTB
Open Drain Control Register 0
ODR0
8
8, 16
2 or 3 PCLKB
0008 C097h
PORTB
Open Drain Control Register 1
ODR1
8
8, 16
2 or 3 PCLKB
0008 C098h
PORTC
Open Drain Control Register 0
ODR0
8
8, 16
2 or 3 PCLKB
0008 C099h
PORTC
Open Drain Control Register 1
ODR1
8
8, 16
2 or 3 PCLKB
0008 C09Ch
PORTE
Open Drain Control Register 0
ODR0
8
8, 16
2 or 3 PCLKB
0008 C09Dh
PORTE
Open Drain Control Register 1
ODR1
8
8, 16
2 or 3 PCLKB
0008 C0C0h
PORT0
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
0008 C0C1h
PORT1
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
0008 C0C2h
PORT2
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
0008 C0C3h
PORT3
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
0008 C0C5h
PORT5
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
0008 C0CAh
PORTA
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
0008 C0CBh
PORTB
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
0008 C0CCh
PORTC
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
0008 C0CEh
PORTE
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
0008 C11Fh
MPC
Write-Protect Register
PWPR
8
8
2 or 3 PCLKB
0008 C120h
PORT
Port Switching Register B
PSRB
8
8
2 or 3 PCLKB
0008 C121h
PORT
Port Switching Register A
PSRA
8
8
2 or 3 PCLKB
0008 C143h
MPC
P03 Pin Function Control Register
P03PFS
8
8
2 or 3 PCLKB
0008 C145h
MPC
P05 Pin Function Control Register
P05PFS
8
8
2 or 3 PCLKB
0008 C14Ch
MPC
P14 Pin Function Control Register
P14PFS
8
8
2 or 3 PCLKB
0008 C14Dh
MPC
P15 Pin Function Control Register
P15PFS
8
8
2 or 3 PCLKB
0008 C14Eh
MPC
P16 Pin Function Control Register
P16PFS
8
8
2 or 3 PCLKB
0008 C14Fh
MPC
P17 Pin Function Control Register
P17PFS
8
8
2 or 3 PCLKB
0008 C156h
MPC
P26 Pin Function Control Register
P26PFS
8
8
2 or 3 PCLKB
0008 C157h
MPC
P27 Pin Function Control Register
P27PFS
8
8
2 or 3 PCLKB
0008 C158h
MPC
P30 Pin Function Control Register
P30PFS
8
8
2 or 3 PCLKB
0008 C159h
MPC
P31 Pin Function Control Register
P31PFS
8
8
2 or 3 PCLKB
0008 C15Ah
MPC
P32 Pin Function Control Register
P32PFS
8
8
2 or 3 PCLKB
0008 C160h
MPC
P40 Pin Function Control Register
P40PFS
8
8
2 or 3 PCLKB
0008 C161h
MPC
P41 Pin Function Control Register
P41PFS
8
8
2 or 3 PCLKB
0008 C162h
MPC
P42 Pin Function Control Register
P42PFS
8
8
2 or 3 PCLKB
0008 C163h
MPC
P43 Pin Function Control Register
P43PFS
8
8
2 or 3 PCLKB
0008 C164h
MPC
P44 Pin Function Control Register
P44PFS
8
8
2 or 3 PCLKB
0008 C166h
MPC
P46 Pin Function Control Register
P46PFS
8
8
2 or 3 PCLKB
0008 C16Ch
MPC
P54 Pin Function Control Register
P54PFS
8
8
2 or 3 PCLKB
0008 C16Dh
MPC
P55 Pin Function Control Register
P55PFS
8
8
2 or 3 PCLKB
0008 C190h
MPC
PA0 Pin Function Control Register
PA0PFS
8
8
2 or 3 PCLKB
0008 C191h
MPC
PA1 Pin Function Control Register
PA1PFS
8
8
2 or 3 PCLKB
0008 C193h
MPC
PA3 Pin Function Control Register
PA3PFS
8
8
2 or 3 PCLKB
0008 C194h
MPC
PA4 Pin Function Control Register
PA4PFS
8
8
2 or 3 PCLKB
0008 C196h
MPC
PA6 Pin Function Control Register
PA6PFS
8
8
2 or 3 PCLKB
0008 C198h
MPC
PB0 Pin Function Control Register
PB0PFS
8
8
2 or 3 PCLKB
0008 C199h
MPC
PB1 Pin Function Control Register
PB1PFS
8
8
2 or 3 PCLKB
0008 C19Bh
MPC
PB3 Pin Function Control Register
PB3PFS
8
8
2 or 3 PCLKB
0008 C19Dh
MPC
PB5 Pin Function Control Register
PB5PFS
8
8
2 or 3 PCLKB
0008 C19Eh
MPC
PB6 Pin Function Control Register
PB6PFS
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (13/16)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com