Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51115ADFM Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # R5F51115ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51115ADFM Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button R5F51115ADFM Datasheet HTML 43Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 44Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 45Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 46Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 47Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 48Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 49Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 50Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 47 of 127
May 31, 2016
RX111 Group
4. I/O Registers
0008 C422h
RTC
RTC Control Register 1
RCR1
8
8
2 or 3 PCLKB
0008 C424h
RTC
RTC Control Register 2
RCR2
8
8
2 or 3 PCLKB
0008 C426h
RTC
RTC Control Register 3
RCR3
8
8
2 or 3 PCLKB
0008 C42Eh
RTC
Time Error Adjustment Register
RADJ
8
8
2 or 3 PCLKB
000A 0000h
USB0
System Configuration Control Register
SYSCFG
16
16
3 or 4 PCLKB
000A 0004h
USB0
System Configuration Status Register 0
SYSSTS0
16
16
9 PCLK or more
000A 0008h
USB0
Device State Control Register 0
DVSTCTR0
16
16
9 PCLK or more
000A 0014h
USB0
CFIFO Port Register
CFIFO
16
16
3 or 4 PCLKB
000A 0018h
USB0
D0FIFO Port Register
D0FIFO
16
16
3 or 4 PCLKB
000A 001Ch
USB0
D1FIFO Port Register
D1FIFO
16
16
3 or 4 PCLKB
000A 0020h
USB0
CFIFO Port Select Register
CFIFOSEL
16
16
3 or 4 PCLKB
000A 0028h
USB0
D0FIFO Port Select Register
D0FIFOSEL
16
16
3 or 4 PCLKB
000A 002Ch
USB0
D1FIFO Port Select Register
D1FIFOSEL
16
16
3 or 4 PCLKB
000A 0022h
USB0
CFIFO Port Control Register
CFIFOCTR
16
16
3 or 4 PCLKB
000A 002Ah
USB0
D0FIFO Port Control Register
D0FIFOCTR
16
16
3 or 4 PCLKB
000A 002Eh
USB0
D1FIFO Port Control Register
D1FIFOCTR
16
16
3 or 4 PCLKB
000A 0030h
USB0
Interrupt Enable Register 0
INTENB0
16
16
9 PCLKB or more
000A 0032h
USB0
Interrupt Enable Register 1
INTENB1
16
16
9 PCLKB or more
000A 0036h
USB0
BRDY Interrupt Enable Register
BRDYENB
16
16
9 PCLKB or more
000A 0038h
USB0
NRDY Interrupt Enable Register
NRDYENB
16
16
9 PCLKB or more
000A 003Ah
USB0
BEMP Interrupt Enable Register
BEMPENB
16
16
9 PCLKB or more
000A 003Ch
USB0
SOF Output Configuration Register
SOFCFG
16
16
9 PCLKB or more
000A 0040h
USB0
Interrupt Status Register 0
INTSTS0
16
16
9 PCLKB or more
000A 0042h
USB0
Interrupt Status Register 1
INTSTS1
16
16
9 PCLKB or more
000A 0046h
USB0
BRDY Interrupt Status Register
BRDYSTS
16
16
9 PCLKB or more
000A 0048h
USB0
NRDY Interrupt Status Register
NRDYSTS
16
16
9 PCLKB or more
000A 004Ah
USB0
BEMP Interrupt Status Register
BEMPSTS
16
16
9 PCLKB or more
000A 004Ch
USB0
Frame Number Register
FRMNUM
16
16
9 PCLKB or more
000A 0054h
USB0
USB Request Type Register
USBREQ
16
16
9 PCLKB or more
000A 0056h
USB0
USB Request Value Register
USBVAL
16
16
9 PCLKB or more
000A 0058h
USB0
USB Request Index Register
USBINDX
16
16
9 PCLKB or more
000A 005Ah
USB0
USB Request Length Register
USBLENG
16
16
9 PCLKB or more
000A 005Ch
USB0
DCP Configuration Register
DCPCFG
16
16
9 PCLKB or more
000A 005Eh
USB0
DCP Maximum Packet Size Register
DCPMAXP
16
16
9 PCLKB or more
000A 0060h
USB0
DCP Control Register
DCPCTR
16
16
9 PCLKB or more
000A 0064h
USB0
Pipe Window Select Register
PIPESEL
16
16
9 PCLKB or more
000A 0068h
USB0
Pipe Configuration Register
PIPECFG
16
16
9 PCLKB or more
000A 006Ch
USB0
Pipe Maximum Packet Size Register
PIPEMAXP
16
16
9 PCLKB or more
000A 006Eh
USB0
Pipe Cycle Control Register
PIPEPERI
16
16
9 PCLKB or more
000A 0070h
USB0
PIPE1 Control Register
PIPE1CTR
16
16
9 PCLKB or more
000A 0072h
USB0
PIPE2 Control Register
PIPE2CTR
16
16
9 PCLKB or more
000A 0074h
USB0
PIPE3 Control Register
PIPE3CTR
16
16
9 PCLKB or more
000A 0076h
USB0
PIPE4 Control Register
PIPE4CTR
16
16
9 PCLKB or more
000A 0078h
USB0
PIPE5 Control Register
PIPE5CTR
16
16
9 PCLKB or more
000A 007Ah
USB0
PIPE6 Control Register
PIPE6CTR
16
16
9 PCLKB or more
000A 007Ch
USB0
PIPE7 Control Register
PIPE7CTR
16
16
9 PCLKB or more
000A 007Eh
USB0
PIPE8 Control Register
PIPE8CTR
16
16
9 PCLKB or more
000A 0080h
USB0
PIPE9 Control Register
PIPE9CTR
16
16
9 PCLKB or more
000A 0090h
USB0
PIPE1 Transaction Counter Enable Register
PIPE1TRE
16
16
9 PCLKB or more
000A 0092h
USB0
PIPE1 Transaction Counter Register
PIPE1TRN
16
16
9 PCLKB or more
000A 0094h
USB0
PIPE2 Transaction Counter Enable Register
PIPE2TRE
16
16
9 PCLKB or more
000A 0096h
USB0
PIPE2 Transaction Counter Register
PIPE2TRN
16
16
9 PCLKB or more
Table 4.1
List of I/O Registers (Address Order) (15/16)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com