Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51115ADFM Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R5F51115ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51115ADFM Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R5F51115ADFM Datasheet HTML 40Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 41Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 42Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 43Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 44Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 45Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 46Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 47Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 44 of 127
May 31, 2016
RX111 Group
4. I/O Registers
0008 C023h
PORT3
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C024h
PORT4
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C025h
PORT5
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C02Ah
PORTA
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C02Bh
PORTB
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C02Ch
PORTC
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C02Eh
PORTE
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C032h
PORTJ
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
0008 C040h
PORT0
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles
when reading,
2 or 3 PCLKB cycles
when writing
0008 C041h
PORT1
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles
when reading,
2 or 3 PCLKB cycles
when writing
0008 C042h
PORT2
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles
when reading,
2 or 3 PCLKB cycles
when writing
0008 C043h
PORT3
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles
when reading,
2 or 3 PCLKB cycles
when writing
0008 C044h
PORT4
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles
when reading,
2 or 3 PCLKB cycles
when writing
0008 C045h
PORT5
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles
when reading,
2 or 3 PCLKB cycles
when writing
0008 C04Ah
PORTA
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles
when reading,
2 or 3 PCLKB cycles
when writing
0008 C04Bh
PORTB
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles
when reading,
2 or 3 PCLKB cycles
when writing
0008 C04Ch
PORTC
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles
when reading,
2 or 3 PCLKB cycles
when writing
0008 C04Eh
PORTE
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles
when reading,
2 or 3 PCLKB cycles
when writing
0008 C051h
PORTH
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles
when reading,
2 or 3 PCLKB cycles
when writing
0008 C052h
PORTJ
Port Input Data Register
PIDR
8
8
3 or 4 PCLKB cycles
when reading,
2 or 3 PCLKB cycles
when writing
0008 C060h
PORT0
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C061h
PORT1
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C062h
PORT2
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C063h
PORT3
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C064h
PORT4
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C065h
PORT5
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C06Ah
PORTA
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C06Bh
PORTB
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C06Ch
PORTC
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C06Eh
PORTE
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C071h
PORTH
Port Mode Register
PMR
8
8
2 or 3 PCLKB
0008 C072h
PORTJ
Port Mode Register
PMR
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (12/16)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com