Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51115ADFM Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F51115ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51115ADFM Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F51115ADFM Datasheet HTML 69Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 70Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 71Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 72Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 73Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 74Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 75Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 76Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 73 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.2.3
Standard I/O Pin Output Characteristics (3)
Figure 5.19 to Figure 5.22 show the characteristics of ports P40 to P44, P46, ports PJ6, PJ7.
Figure 5.19
VOH/VOL and IOH/IOL Voltage Characteristics of Ports P40 to P44, P46, Ports PJ6, PJ7 at
Ta = 25°C (Reference Data)
Figure 5.20
VOH/VOL and IOH/IOL Temperature Characteristics of Ports P40 to P44, P46, Ports PJ6,
PJ7 at VCC = 1.8 V (Reference Data)
–4
–2
0
2
4
6
8
10
12
14
0
0.5
1
1.5
2
2.5
3
3.5
VOH/VOL [V]
IOH/IOL vs VOH/VOL
VCC = 3.3 V
VCC = 3.3 V
VCC = 2.7 V
VCC = 2.7 V
VCC = 1.8 V
VCC = 1.8 V
–1
–1
0
1
1
2
2
3
3
4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VOH/VOL [V]
IOH/IOL vs VOH/VOL
Ta = –40°C
Ta = –40°C
Ta = 25°C
Ta = 25°C
Ta = 105°C
Ta = 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com