Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51115ADFM Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R5F51115ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51115ADFM Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R5F51115ADFM Datasheet HTML 64Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 65Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 66Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 67Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 68Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 69Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 70Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 71Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 68 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Table 5.19
Output Voltage (1)
Conditions: 2.7 V ≤ VCC = VCC_USB ≤ 3.6 V, 2.7 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Max.
Unit
Test Conditions
Low-level
output voltage
All output ports
(except for RIIC, ports P40 to P44, P46,
ports PJ6, PJ7)
VOL
—0.6
V
IOL = 3.0 mA
—0.4
IOL = 1.5 mA
Ports P40 to P44, P46, ports PJ6, PJ7
—0.4
IOL = 0.4 mA
RIIC pins
Standard mode
—0.4
IOL = 3.0 mA
Fast mode
—0.6
IOL = 6.0 mA
High-level
output voltage
All output ports
(except for ports P40 to P44, P46, ports PJ6,
PJ7)
VOH
VCC – 0.5
—
V
IOH = –2.0 mA
Ports P40 to P44, P46, ports PJ6, PJ7
AVCC0 – 0.5
—
IOH = –0.1 mA
Table 5.20
Output Voltage (2)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 2.7 V, 1.8 V ≤ AVSS0 ≤ 2.7 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Max.
Unit
Test Conditions
Low-level
output voltage
All output ports
(except for ports P40 to P44, P46, ports PJ6,
PJ7)
VOL
—0.6
V
IOL = 1.5 mA
Ports P40 to P44, P46, ports PJ6, PJ7
—0.4
IOL = 0.4 mA
High-level
output voltage
All output ports
(except for ports P40 to P44, P46, ports PJ6,
PJ7)
VOH
VCC – 0.5
—
V
IOH = –1.0 mA
Ports P40 to P44, P46, ports PJ6, PJ7
AVCC0 – 0.5
—
IOH = –0.1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com