Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51115ADFM Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R5F51115ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51115ADFM Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R5F51115ADFM Datasheet HTML 42Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 43Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 44Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 45Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 46Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 47Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 48Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 49Page - Renesas Technology Corp R5F51115ADFM Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 46 of 127
May 31, 2016
RX111 Group
4. I/O Registers
0008 C19Fh
MPC
PB7 Pin Function Control Register
PB7PFS
8
8
2 or 3 PCLKB
0008 C1A2h
MPC
PC2 Pin Function Control Register
PC2PFS
8
8
2 or 3 PCLKB
0008 C1A3h
MPC
PC3 Pin Function Control Register
PC3PFS
8
8
2 or 3 PCLKB
0008 C1A4h
MPC
PC4 Pin Function Control Register
PC4PFS
8
8
2 or 3 PCLKB
0008 C1A5h
MPC
PC5 Pin Function Control Register
PC5PFS
8
8
2 or 3 PCLKB
0008 C1A6h
MPC
PC6 Pin Function Control Register
PC6PFS
8
8
2 or 3 PCLKB
0008 C1A7h
MPC
PC7 Pin Function Control Register
PC7PFS
8
8
2 or 3 PCLKB
0008 C1B0h
MPC
PE0 Pin Function Control Register
PE0PFS
8
8
2 or 3 PCLKB
0008 C1B1h
MPC
PE1 Pin Function Control Register
PE1PFS
8
8
2 or 3 PCLKB
0008 C1B2h
MPC
PE2 Pin Function Control Register
PE2PFS
8
8
2 or 3 PCLKB
0008 C1B3h
MPC
PE3 Pin Function Control Register
PE3PFS
8
8
2 or 3 PCLKB
0008 C1B4h
MPC
PE4 Pin Function Control Register
PE4PFS
8
8
2 or 3 PCLKB
0008 C1B5h
MPC
PE5 Pin Function Control Register
PE5PFS
8
8
2 or 3 PCLKB
0008 C1B6h
MPC
PE6 Pin Function Control Register
PE6PFS
8
8
2 or 3 PCLKB
0008 C1B7h
MPC
PE7 Pin Function Control Register
PE7PFS
8
8
2 or 3 PCLKB
0008 C1D6h
MPC
PJ6 Pin Function Control Register
PJ6PFS
8
8
2 or 3 PCLKB
0008 C1D7h
MPC
PJ7 Pin Function Control Register
PJ7PFS
8
8
2 or 3 PCLKB
0008 C290h
SYSTEM
Reset Status Register 0
RSTSR0
8
8
4 or 5 PCLKB
0008 C291h
SYSTEM
Reset Status Register 1
RSTSR1
8
8
4 or 5 PCLKB
0008 C293h
SYSTEM
Main Clock Oscillator Forced Oscillation Control Register
MOFCR
8
8
4 or 5 PCLKB
0008 C297h
SYSTEM
Voltage Monitoring Circuit Control Register
LVCMPCR
8
8
4 or 5 PCLKB
0008 C298h
SYSTEM
Voltage Detection Level Select Register
LVDLVLR
8
8
4 or 5 PCLKB
0008 C29Ah
SYSTEM
Voltage Monitoring 1 Circuit Control Register 0
LVD1CR0
8
8
4 or 5 PCLKB
0008 C29Bh
SYSTEM
Voltage Monitoring 2 Circuit Control Register 0
LVD2CR0
8
8
4 or 5 PCLKB
0008 C400h
RTC
64-Hz Counter
R64CNT
8
8
2 or 3 PCLKB
0008 C402h
RTC
Second Counter
RSECCNT
8
8
2 or 3 PCLKB
0008 C402h
RTC
Binary Counter 0
BCNT0
8
8
2 or 3 PCLKB
0008 C404h
RTC
Minute Counter
RMINCNT
8
8
2 or 3 PCLKB
0008 C404h
RTC
Binary Counter 1
BCNT1
8
8
2 or 3 PCLKB
0008 C406h
RTC
Hour Counter
RHRCNT
8
8
2 or 3 PCLKB
0008 C406h
RTC
Binary Counter 2
BCNT2
8
8
2 or 3 PCLKB
0008 C408h
RTC
Day-Of-Week Counter
RWKCNT
8
8
2 or 3 PCLKB
0008 C408h
RTC
Binary Counter 3
BCNT3
8
8
2 or 3 PCLKB
0008 C40Ah
RTC
Date Counter
RDAYCNT
8
8
2 or 3 PCLKB
0008 C40Ch
RTC
Month Counter
RMONCNT
8
8
2 or 3 PCLKB
0008 C40Eh
RTC
Year Counter
RYRCNT
16
16
2 or 3 PCLKB
0008 C410h
RTC
Second Alarm Register
RSECAR
8
8
2 or 3 PCLKB
0008 C410h
RTC
Binary Counter 0 Alarm Register
BCNT0AR
8
8
2 or 3 PCLKB
0008 C412h
RTC
Minute Alarm Register
RMINAR
8
8
2 or 3 PCLKB
0008 C412h
RTC
Binary Counter 1 Alarm Register
BCNT1AR
8
8
2 or 3 PCLKB
0008 C414h
RTC
Hour Alarm Register
RHRAR
8
8
2 or 3 PCLKB
0008 C414h
RTC
Binary Counter 2 Alarm Register
BCNT2AR
8
8
2 or 3 PCLKB
0008 C416h
RTC
Day-of-Week Alarm Register
RWKAR
8
8
2 or 3 PCLKB
0008 C416h
RTC
Binary Counter 3 Alarm Register
BCNT3AR
8
8
2 or 3 PCLKB
0008 C418h
RTC
Date Alarm Register
RDAYAR
8
8
2 or 3 PCLKB
0008 C418h
RTC
Binary Counter 0 Alarm Enable Register
BCNT0AER
8
8
2 or 3 PCLKB
0008 C41Ah
RTC
Month Alarm Register
RMONAR
8
8
2 or 3 PCLKB
0008 C41Ah
RTC
Binary Counter 1 Alarm Enable Register
BCNT1AER
8
8
2 or 3 PCLKB
0008 C41Ch
RTC
Year Alarm Register
RYRAR
16
16
2 or 3 PCLKB
0008 C41Ch
RTC
Binary Counter 2 Alarm Enable Register
BCNT2AER
16
16
2 or 3 PCLKB
0008 C41Eh
RTC
Year Alarm Enable Register
RYRAREN
8
8
2 or 3 PCLKB
0008 C41Eh
RTC
Binary Counter 3 Alarm Enable Register
BCNT3AER
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (14/16)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com