Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM2434BSDFHIALVR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434BSDFHIALVR
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434BSDFHIALVR Datasheet(HTML) 32 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 28Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 29Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 30Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 31Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 32Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 33Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 34Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 35Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
B13
A6
MCU_RESETSTATz
MCU_PADCONFIG24
0x04084060
MCU_RESETSTATz
0
O
0
Off / Low / Off
Off / SS / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_22
7
IO
pad
B12
A5
MCU_RESETz
MCU_PADCONFIG22
0x04084058
MCU_RESETz
0
I
0
On / Off / Up
On / Off / Up
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
A20
B20
MCU_SAFETY_ERRORn
MCU_PADCONFIG25
0x04084064
MCU_SAFETY_ERRORn
0
IO
0
Off / Off / Down
On / SS / Down
1.8 V
VDDS_OSC
Yes
PU/PD
LVCMOS
E6
MCU_SPI0_CLK
MCU_PADCONFIG2
0x04084008
MCU_SPI0_CLK
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_11
7
IO
pad
D7
MCU_SPI1_CLK
MCU_PADCONFIG7
0x0408401C
MCU_SPI1_CLK
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_7
7
IO
pad
D6
MCU_SPI0_CS0
MCU_PADCONFIG0
0x04084000
MCU_SPI0_CS0
0
IO
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_13
7
IO
pad
C6
MCU_SPI0_CS1
MCU_PADCONFIG1
0x04084004
MCU_SPI0_CS1
0
IO
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_OBSCLK0
1
O
MCU_SYSCLKOUT0
2
O
MCU_GPIO0_12
7
IO
pad
E7
MCU_SPI0_D0
MCU_PADCONFIG3
0x0408400C
MCU_SPI0_D0
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_10
7
IO
pad
B6
MCU_SPI0_D1
MCU_PADCONFIG4
0x04084010
MCU_SPI0_D1
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_4
7
IO
pad
A7
MCU_SPI1_CS0
MCU_PADCONFIG5
0x04084014
MCU_SPI1_CS0
0
IO
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_5
7
IO
pad
B7
MCU_SPI1_CS1
MCU_PADCONFIG6
0x04084018
MCU_SPI1_CS1
0
IO
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_EXT_REFCLK0
1
I
0
MCU_GPIO0_6
7
IO
pad
C7
MCU_SPI1_D0
MCU_PADCONFIG8
0x04084020
MCU_SPI1_D0
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_8
7
IO
pad
C8
MCU_SPI1_D1
MCU_PADCONFIG9
0x04084024
MCU_SPI1_D1
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_9
7
IO
pad
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com