| Electronic Components Datasheet Search |
|
AM2434BSDFHIALVR Datasheet(PDF) 84 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2434BSDFHIALVR Datasheet(HTML) 84 Page - Texas Instruments |
|
84 / 280 page ![]() Table 6-41. GPIO0 Signal Descriptions (continued) Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] GPIO0_52 IO General Purpose Input/Output U13 V13 GPIO0_53 IO General Purpose Input/Output W13 Y13 GPIO0_54 IO General Purpose Input/Output U15 W16 GPIO0_55 IO General Purpose Input/Output U14 W13 GPIO0_56 IO General Purpose Input/Output AA8 V5 GPIO0_57 IO General Purpose Input/Output U9 W2 GPIO0_58 IO General Purpose Input/Output W9 V6 GPIO0_59 IO General Purpose Input/Output AA9 AA7 GPIO0_60 IO General Purpose Input/Output Y9 Y7 GPIO0_61 IO General Purpose Input/Output V9 W6 GPIO0_62 IO General Purpose Input/Output U7 T2 GPIO0_63 IO General Purpose Input/Output V7 Y4 GPIO0_64 IO General Purpose Input/Output W7 U3 GPIO0_65 IO General Purpose Input/Output W11 AA10 GPIO0_66 IO General Purpose Input/Output V11 Y10 GPIO0_67 IO General Purpose Input/Output AA12 Y11 GPIO0_68 IO General Purpose Input/Output Y12 V12 GPIO0_69 IO General Purpose Input/Output W12 Y12 GPIO0_70 IO General Purpose Input/Output AA13 AA11 GPIO0_71 IO General Purpose Input/Output U11 V10 GPIO0_72 IO General Purpose Input/Output V15 Y14 GPIO0_73 IO General Purpose Input/Output U12 W11 GPIO0_74 IO General Purpose Input/Output V14 Y16 GPIO0_75 IO General Purpose Input/Output W14 U13 GPIO0_76 IO General Purpose Input/Output AA10 Y6 GPIO0_77 IO General Purpose Input/Output V10 AA8 GPIO0_78 IO General Purpose Input/Output U10 Y9 GPIO0_79 IO General Purpose Input/Output AA11 W9 GPIO0_80 IO General Purpose Input/Output Y11 V9 GPIO0_81 IO General Purpose Input/Output Y10 Y8 GPIO0_82 IO General Purpose Input/Output U18 U21 GPIO0_83 IO General Purpose Input/Output U19 T20 GPIO0_84 IO General Purpose Input/Output V12 AA13 GPIO0_85 IO General Purpose Input/Output AA6 V2 GPIO0_86 IO General Purpose Input/Output Y6 W1 (1) This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. (2) This GPIO0 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-42. GPIO1 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] GPIO1_0 IO General Purpose Input/Output Y1 J3 GPIO1_1 IO General Purpose Input/Output R4 J4 GPIO1_2 IO General Purpose Input/Output U2 G1 GPIO1_3 IO General Purpose Input/Output V2 H1 GPIO1_4 IO General Purpose Input/Output AA2 K2 GPIO1_5 IO General Purpose Input/Output R3 F2 GPIO1_6 IO General Purpose Input/Output T3 H2 AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 www.ti.com 84 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |