Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM2434BSDFHIALVR Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434BSDFHIALVR
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434BSDFHIALVR Datasheet(HTML) 87 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 83Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 84Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 85Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 86Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 87Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 88Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 89Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 90Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 280 page
background image
Table 6-43. MCU_GPIO0 Signal Descriptions (continued)
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MCU_GPIO0_15
IO
General Purpose Input/Output
D9
MCU_GPIO0_16 (1) (2)
IO
General Purpose Input/Output
B8
MCU_GPIO0_17 (1) (2)
IO
General Purpose Input/Output
B9
MCU_GPIO0_18 (3)
IOD
General Purpose Input/Output
E9
MCU_GPIO0_19 (4)
IOD
General Purpose Input/Output
A10
MCU_GPIO0_20 (1) (2)
IO
General Purpose Input/Output
A11
MCU_GPIO0_21 (1) (2)
IO
General Purpose Input/Output
B10
MCU_GPIO0_22
IO
General Purpose Input/Output
B13
A6
(1)
This MCU_GPIO0 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
(2)
This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
(3)
MCU_GPIO0_18 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
(4)
MCU_GPIO0_19 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
6.3.12 GPMC
MAIN Domain Instances
Table 6-44. GPMC0 Signal Descriptions
Signal Name [1] ((2))
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
GPMC0_ADVn_ALE
O
GPMC Address Valid (active low) or Address Latch Enable
P16
GPMC0_CLK (1)
O
GPMC Clock
R17
GPMC0_DIR
O
GPMC Data Bus Signal Direction Control
N17
GPMC0_OEn_REn
O
GPMC Output Enable (active low) or Read Enable (active
low)
R18
GPMC0_WEn
O
GPMC Write Enable (active low)
T21
GPMC0_WPn
O
GPMC Flash Write Protect (active low)
N16
GPMC0_A0
OZ
GPMC Address 0 Output. Only used to effectively address
8-bit data non-multiplexed memories
U2, U7
G1, T2
GPMC0_A1
OZ
GPMC address 1 Output in A/D non-multiplexed mode and
Address 17 in A/D multiplexed mode
AA2, V7
K2, Y4
GPMC0_A2
OZ
GPMC address 2 Output in A/D non-multiplexed mode and
Address 18 in A/D multiplexed mode
T2, W7
H5, U3
GPMC0_A3
OZ
GPMC address 3 Output in A/D non-multiplexed mode and
Address 19 in A/D multiplexed mode
V4, W11
AA10, N2
GPMC0_A4
OZ
GPMC address 4 Output in A/D non-multiplexed mode and
Address 20 in A/D multiplexed mode
U4, V11
N3, Y10
GPMC0_A5
OZ
GPMC address 5 Output in A/D non-multiplexed mode and
Address 21 in A/D multiplexed mode
AA12, V1
K4, Y11
GPMC0_A6
OZ
GPMC address 6 Output in A/D non-multiplexed mode and
Address 22 in A/D multiplexed mode
W1, Y12
G2, V12
GPMC0_A7
OZ
GPMC address 7 Output in A/D non-multiplexed mode and
Address 23 in A/D multiplexed mode
W12, Y4
P2, Y12
GPMC0_A8
OZ
GPMC address 8 Output in A/D non-multiplexed mode and
Address 24 in A/D multiplexed mode
AA13, T6
AA11, T4
GPMC0_A9
OZ
GPMC address 9 Output in A/D non-multiplexed mode and
Address 25 in A/D multiplexed mode
U11, U6
R5, V10
GPMC0_A10
OZ
GPMC address 10 Output in A/D non-multiplexed mode
and Address 26 in A/D multiplexed mode
U5, V15
M4, Y14
GPMC0_A11
OZ
GPMC address 11 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AA4, U12
T3, W11
GPMC0_A12
OZ
GPMC address 12 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
P2, V14
E4, Y16
GPMC0_A13
OZ
GPMC address 13 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
P3, W14
D2, U13
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com