| Electronic Components Datasheet Search |
|
AM2434BSDFHIALVR Datasheet(PDF) 82 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2434BSDFHIALVR Datasheet(HTML) 82 Page - Texas Instruments |
|
82 / 280 page ![]() Table 6-35. FSI1 RX Signal Descriptions (continued) Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] FSI_RX1_D1 I FSI Receiver Data 1 V18 Y19 Table 6-36. FSI1 TX Signal Descriptions Signal Name [1] ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] FSI_TX1_CLK O FSI Transmit Clock N16 FSI_TX1_D0 O FSI Transmit Data 0 P17 FSI_TX1_D1 O FSI Transmit Data 1 Y18 (1) The FSI1 TX interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-37. FSI2 RX Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] FSI_RX2_CLK I FSI Receiver Clock T20 R21 FSI_RX2_D0 I FSI Receiver Data 0 U21 R20 FSI_RX2_D1 I FSI Receiver Data 1 T18 T19 Table 6-38. FSI3 RX Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] FSI_RX3_CLK I FSI Receiver Clock U20 V21 FSI_RX3_D0 I FSI Receiver Data 0 U18 U21 FSI_RX3_D1 I FSI Receiver Data 1 U19 T20 Table 6-39. FSI4 RX Signal Descriptions Signal Name [1] ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] FSI_RX4_CLK I FSI Receiver Clock R17 FSI_RX4_D0 I FSI Receiver Data 0 V20 T18 FSI_RX4_D1 I FSI Receiver Data 1 V21 U19 (1) The FSI4 RX interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-40. FSI5 RX Signal Descriptions Signal Name [1] ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] FSI_RX5_CLK I FSI Receiver Clock P16 FSI_RX5_D0 I FSI Receiver Data 0 R18 FSI_RX5_D1 I FSI Receiver Data 1 T21 (1) The FSI5 RX interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. 6.3.11 GPIO MAIN Domain Instances Table 6-41. GPIO0 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] GPIO0_0 IO General Purpose Input/Output N20 P20 GPIO0_1 IO General Purpose Input/Output N21 M21 GPIO0_2 IO General Purpose Input/Output N19 P17 AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 www.ti.com 82 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |