Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM2434BSDFHIALVR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434BSDFHIALVR
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434BSDFHIALVR Datasheet(HTML) 45 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 41Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 42Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 43Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 44Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 45Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 46Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 47Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 48Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
V5
T1
PRG0_PRU1_GPO17
PADCONFIG125
0x000F41F4
PRG0_PRU1_GPO17
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV1
Yes
PU/PD
LVCMOS
PRG0_PRU1_GPI17
1
I
0
PRG0_IEP1_EDC_SYNC_OUT1
2
O
PRG0_PWM1_B2
3
IO
1
RGMII1_RD3
4
I
0
RMII1_TXD1
5
O
GPIO1_37
7
IO
pad
PRG0_ECAP0_SYNC_OUT
8
O
PRG0_ECAP0_SYNC_IN
10
I
0
P5
D1
PRG0_PRU1_GPO18
PADCONFIG126
0x000F41F8
PRG0_PRU1_GPO18
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV1
Yes
PU/PD
LVCMOS
PRG0_PRU1_GPI18
1
I
0
PRG0_IEP1_EDC_LATCH_IN0
2
I
0
PRG0_PWM1_TZ_IN
3
I
0
MDIO0_MDIO
4
IO
0
RMII1_TX_EN
5
O
EPWM7_A
6
IO
0
GPIO1_38
7
IO
pad
PRG0_ECAP0_SYNC_IN
8
I
0
R2
F3
PRG0_PRU1_GPO19
PADCONFIG127
0x000F41FC
PRG0_PRU1_GPO19
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV1
Yes
PU/PD
LVCMOS
PRG0_PRU1_GPI19
1
I
0
PRG0_IEP1_EDC_SYNC_OUT0
2
O
PRG0_PWM1_TZ_OUT
3
O
MDIO0_MDC
4
O
RMII1_CRS_DV
5
I
0
EPWM7_B
6
IO
0
GPIO1_39
7
IO
pad
PRG0_ECAP0_IN_APWM_OUT
8
IO
0
Y6
W1
PRG1_MDIO0_MDC
PADCONFIG87
0x000F415C
PRG1_MDIO0_MDC
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
MDIO0_MDC
4
O
GPIO0_86
7
IO
pad
AA6
V2
PRG1_MDIO0_MDIO
PADCONFIG86
0x000F4158
PRG1_MDIO0_MDIO
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
MDIO0_MDIO
4
IO
0
GPIO0_85
7
IO
pad
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com