Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM2434BSDFHIALVR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434BSDFHIALVR
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434BSDFHIALVR Datasheet(HTML) 44 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 40Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 41Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 42Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 43Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 44Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 45Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 46Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 47Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
T6
T4
PRG0_PRU1_GPO13
PADCONFIG121
0x000F41E4
PRG0_PRU1_GPO13
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV1
Yes
PU/PD
LVCMOS
PRG0_PRU1_GPI13
1
I
0
PRG0_RGMII2_TD2
2
O
PRG0_PWM1_B0
3
IO
1
GPIO1_33
7
IO
pad
EQEP0_I
8
IO
0
GPMC0_A8
9
OZ
UART5_RXD
10
I
1
U6
R5
PRG0_PRU1_GPO14
PADCONFIG122
0x000F41E8
PRG0_PRU1_GPO14
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV1
Yes
PU/PD
LVCMOS
PRG0_PRU1_GPI14
1
I
0
PRG0_RGMII2_TD3
2
O
PRG0_PWM1_A1
3
IO
0
GPIO1_34
7
IO
pad
EQEP1_I
8
IO
0
GPMC0_A9
9
OZ
UART6_RXD
10
I
1
U5
M4
PRG0_PRU1_GPO15
PADCONFIG123
0x000F41EC
PRG0_PRU1_GPO15
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV1
Yes
PU/PD
LVCMOS
PRG0_PRU1_GPI15
1
I
0
PRG0_RGMII2_TX_CTL
2
O
PRG0_PWM1_B1
3
IO
1
GPIO1_35
7
IO
pad
GPMC0_A10
9
OZ
PRG0_ECAP0_IN_APWM_OUT
10
IO
0
AA4
T3
PRG0_PRU1_GPO16
PADCONFIG124
0x000F41F0
PRG0_PRU1_GPO16
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV1
Yes
PU/PD
LVCMOS
PRG0_PRU1_GPI16
1
I
0
PRG0_RGMII2_TXC
2
IO
0
PRG0_PWM1_A2
3
IO
0
GPIO1_36
7
IO
pad
GPMC0_A11
9
OZ
PRG0_ECAP0_SYNC_OUT
10
O
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
44
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com