Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM2434BSDFHIALVR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434BSDFHIALVR
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434BSDFHIALVR Datasheet(HTML) 46 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 42Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 43Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 44Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 45Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 46Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 47Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 48Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 49Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
Y7
V4
PRG1_PRU0_GPO0
PADCONFIG46
0x000F40B8
PRG1_PRU0_GPO0
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI0
1
I
0
PRG1_RGMII1_RD0
2
I
0
PRG1_PWM3_A0
3
IO
0
GPIO0_45
7
IO
pad
GPMC0_AD16
8
IO
0
U8
W5
PRG1_PRU0_GPO1
PADCONFIG47
0x000F40BC
PRG1_PRU0_GPO1
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI1
1
I
0
PRG1_RGMII1_RD1
2
I
0
PRG1_PWM3_B0
3
IO
1
GPIO0_46
7
IO
pad
GPMC0_AD17
8
IO
0
W8
AA4
PRG1_PRU0_GPO2
PADCONFIG48
0x000F40C0
PRG1_PRU0_GPO2
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI2
1
I
0
PRG1_RGMII1_RD2
2
I
0
PRG1_PWM2_A0
3
IO
0
GPIO0_47
7
IO
pad
GPMC0_AD18
8
IO
0
V8
Y5
PRG1_PRU0_GPO3
PADCONFIG49
0x000F40C4
PRG1_PRU0_GPO3
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI3
1
I
0
PRG1_RGMII1_RD3
2
I
0
PRG1_PWM3_A2
3
IO
0
GPIO0_48
7
IO
pad
GPMC0_AD19
8
IO
0
Y8
AA5
PRG1_PRU0_GPO4
PADCONFIG50
0x000F40C8
PRG1_PRU0_GPO4
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI4
1
I
0
PRG1_RGMII1_RX_CTL
2
I
0
PRG1_PWM2_B0
3
IO
1
GPIO0_49
7
IO
pad
GPMC0_AD20
8
IO
0
V13
U14
PRG1_PRU0_GPO5
PADCONFIG51
0x000F40CC
PRG1_PRU0_GPO5
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI5
1
I
0
PRG1_PWM3_B2
3
IO
1
RGMII1_RX_CTL
4
I
0
GPIO0_50
7
IO
pad
GPMC0_AD21
8
IO
0
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
46
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com