Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM2434BSDFHIALVR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434BSDFHIALVR
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434BSDFHIALVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 16Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 17Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 18Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 19Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 20Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 21Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 22Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 23Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
J16
ADC0_REFN
ADC0_REFN
A
J15
ADC0_REFP
ADC0_REFP
A
G20
H21
ADC0_AIN0
ADC0_AIN0
A
1.8 V
VDDA_ADC0
Yes
ADC12B
F20
F19
ADC0_AIN1
ADC0_AIN1
A
1.8 V
VDDA_ADC0
Yes
ADC12B
E21
F21
ADC0_AIN2
ADC0_AIN2
A
1.8 V
VDDA_ADC0
Yes
ADC12B
D20
F20
ADC0_AIN3
ADC0_AIN3
A
1.8 V
VDDA_ADC0
Yes
ADC12B
G21
H20
ADC0_AIN4
ADC0_AIN4
A
1.8 V
VDDA_ADC0
Yes
ADC12B
F21
E21
ADC0_AIN5
ADC0_AIN5
A
1.8 V
VDDA_ADC0
Yes
ADC12B
F19
G20
ADC0_AIN6
ADC0_AIN6
A
1.8 V
VDDA_ADC0
Yes
ADC12B
E20
E20
ADC0_AIN7
ADC0_AIN7
A
1.8 V
VDDA_ADC0
Yes
ADC12B
H12
D12
CAP_VDDS0
CAP_VDDS0
CAP
T7
N5
CAP_VDDS1
CAP_VDDS1
CAP
R11
U9
CAP_VDDS2
CAP_VDDS2
CAP
N14
R16
CAP_VDDS3
CAP_VDDS3
CAP
M16
N18
CAP_VDDS4
CAP_VDDS4
CAP
L13
M18
CAP_VDDS5
CAP_VDDS5
CAP
K15
J17
CAP_VDDSHV_MMC1
CAP_VDDSHV_MMC1
CAP
H10
D9
CAP_VDDS_MCU
CAP_VDDS_MCU
CAP
H2
DDR0_ACT_n
DDR0_ACT_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
H1
DDR0_ALERT_n
DDR0_ALERT_n
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
J5
DDR0_CAS_n
DDR0_CAS_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
K5
DDR0_PAR
DDR0_PAR
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
F6
DDR0_RAS_n
DDR0_RAS_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
H4
DDR0_WE_n
DDR0_WE_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
D2
DDR0_A0
DDR0_A0
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
C5
DDR0_A1
DDR0_A1
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
E2
DDR0_A2
DDR0_A2
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
D4
DDR0_A3
DDR0_A3
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
D3
DDR0_A4
DDR0_A4
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com