Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081C5 Datasheet(PDF) 52 Page - STMicroelectronics

Part # SPSB081C5
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C5 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button SPSB081C5 Datasheet HTML 48Page - STMicroelectronics SPSB081C5 Datasheet HTML 49Page - STMicroelectronics SPSB081C5 Datasheet HTML 50Page - STMicroelectronics SPSB081C5 Datasheet HTML 51Page - STMicroelectronics SPSB081C5 Datasheet HTML 52Page - STMicroelectronics SPSB081C5 Datasheet HTML 53Page - STMicroelectronics SPSB081C5 Datasheet HTML 54Page - STMicroelectronics SPSB081C5 Datasheet HTML 55Page - STMicroelectronics SPSB081C5 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 135 page
background image
5
Electrical characteristics
For an efficient and easy tracking, numbering has been added to each electrical parameter.
Device features are split into categories (see the following table), and each of them is represented by a letter
(A, B, C, etc.); all parameters are completely identified by a letter and a three-digit number (for example, B.125,
C.096…) for their whole lifetime.
New inserted parameters continue with the numbering of the related category, no matter of where they are placed.
To facilitate insertion, the last number inserted for each category is also reported in the second column of the
following table.
Table 26. Electrical parameters numbering
Category
Parameters numbering
Analog I/O
A.xxx
Digital I/O
B.xxx
Voltage regulators
C.xxx
Outputs
D.xxx
Transceivers
E.xxx
Others
F.xxx
Due to these rules and taking into account that deleted parameter numbers are no more reassigned, numbering
inside each category may be not sequential.
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 6 V <
VS< 28 V; 6 V < VSREG< 28 V, Tj = from -40°C to 150°C, unless otherwise specified.
Table 27. Supply
Symbol
Parameter
Condition
Min
Typ Max Unit Item
VSUV
VS undervoltage threshold
VS decreasing
4.7
5.4
V
A.001
Vhyst_UV
Vs undervoltage hysteresis
VS increasing
0.04
0.1
0.2
V
A.002
VSOV_I
VS overvoltage threshold
VS increasing
19.95 21
22.5
V
A.003
VSOV_D
VS overvoltage threshold
VS decreasing
18.5
20
22.5
V
A.004
Vhyst_OV
Vs overvoltage hysteresis
VS decreasing
0.5
1.3
1.7
V
A.005
VSREGUV
VSREG undervoltage
threshold
VSREG decreasing
4.2
4.9
V
A.006
Vhyst_UV
VSREG undervoltage
hysteresis
VSREG increasing
0.04
0.1
0.2
V
A.007
VSREGOV_I
VSREG overvoltage
threshold
VSREG increasing
19.95 21
22.5
V
A.008
VSREGOV_D
VSREG overvoltage
threshold
VSREG decreasing
18.5
20
22.5
V
A.009
Vhyst_OV
VSREG overvoltage
hysteresis
0.5
1.3
1.7
V
A.010
tovuv_filt
Vs/ VSREG over-/
undervoltage filter time
Tested by scan
45
64
80
µs
A.011
IV(act)
Current consumption in
active mode
Vs=12V
TxD CAN = high
TxD LIN = high
V1ON, V2OFF
3
6
mA A.012
SPSB081
Electrical characteristics
DS14048 - Rev 1
page 52/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com