Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081C5 Datasheet(PDF) 55 Page - STMicroelectronics

Part # SPSB081C5
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C5 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SPSB081C5 Datasheet HTML 51Page - STMicroelectronics SPSB081C5 Datasheet HTML 52Page - STMicroelectronics SPSB081C5 Datasheet HTML 53Page - STMicroelectronics SPSB081C5 Datasheet HTML 54Page - STMicroelectronics SPSB081C5 Datasheet HTML 55Page - STMicroelectronics SPSB081C5 Datasheet HTML 56Page - STMicroelectronics SPSB081C5 Datasheet HTML 57Page - STMicroelectronics SPSB081C5 Datasheet HTML 58Page - STMicroelectronics SPSB081C5 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 135 page
background image
Symbol
Parameter
Condition
Min
Typ Max Unit Item
Current consumption for
HS drivers
Wake-up OFF except LIN transceiver;
Tj = 25°C
µA
IV(V1stby _HS,85)(3)
V1_standby
cyclic sense enabled; (5)
HSx (x=3;4) ON;
CAN OFF;
Wake-up OFF except LIN transceiver;
Tj = 85°C
570 1000
A.073
1. Conditions for specified current consumption:
•
VLIN > (VSREG-1.5V)
•
(CAN_H – CAN_L) < 0.4V or (CAN_H – CAN_L) > 1.2V
•
VWU < 1V or VWU > (VSREG – 1.5 V)
•
LIN wake-up is possible, CAN wake up disabled, WUx_EN register set to 0
2. In SPSB081Cx it is mandatory to keep wake-up source capability (CANFD or wake-up pin) and in that case an additional
contribution of IV(VBAT_WU,x) or IV(CANWU,x) has to be considered.
3. Guaranteed by design.
4. Current consumption adders of features defined for SBC V1 stby mode or for SBC VBAT stby mode (unless otherwise
specified).
5. Current consumption adder while only one HS is turned on with no load.
5.1
Oscillator
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 6 V <
VS< 28 V; 6 V < VSREG< 28 V; Tj = -40°C... 150°C, unless otherwise specified.
Table 28. Oscillator
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
FCLK1(1)(2)
Oscillation frequency
-
0.80
1.0
1.20
MHz
A.018
FCLK2(1)
Oscillation frequency
-
12.8
16.0
19.2
MHz
A.019
1. 1 MHz clock is used in standby mode. 16 MHz clock is used in active mode.
2. The clock frequency is further reduced in standby mode to sustain a very low quiescent current.
5.2
Power-on reset (VSREG)
All outputs open; Tj = from -40°C to 150°C, unless otherwise specified
Table 29. Power-on reset
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VPOR_R
VPOR threshold
VSREG rising
3.45
4.5
V
A.020
VPOR_F
VPOR threshold
VSREG falling (1)
2.3
3.55
V
A.021
1. This threshold is valid if VSREG had already reached VPOR_R(max) previously.
5.3
Voltage regulator V1
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 4.5 <
VS< 28 V; 4.5V < VSREG< 28 V; Tj = from -40°C to 150°C, unless otherwise specified.
The same parameter values in both 5 V and 3.3 V conditions apply unless otherwise specified.
SPSB081
Oscillator
DS14048 - Rev 1
page 55/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com