Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081C5 Datasheet(PDF) 54 Page - STMicroelectronics

Part # SPSB081C5
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C5 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button SPSB081C5 Datasheet HTML 50Page - STMicroelectronics SPSB081C5 Datasheet HTML 51Page - STMicroelectronics SPSB081C5 Datasheet HTML 52Page - STMicroelectronics SPSB081C5 Datasheet HTML 53Page - STMicroelectronics SPSB081C5 Datasheet HTML 54Page - STMicroelectronics SPSB081C5 Datasheet HTML 55Page - STMicroelectronics SPSB081C5 Datasheet HTML 56Page - STMicroelectronics SPSB081C5 Datasheet HTML 57Page - STMicroelectronics SPSB081C5 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 135 page
background image
Symbol
Parameter
Condition
Min
Typ Max Unit Item
IV(VBAT_WU,85)(3)(4)
Current consumption for
Wake-up inputs
µA
VBAT_standby;
Voltage regulator V2 disabled; Wake-up
on;
NO CAN; NO LIN; no activity on wake-up
pins
Tj = 85°C
0.7
2.5
A.062
IV(CANWU,25)(3)(4)
Current consumption for
CAN wake capability
(tsilence expired)
Standby modes;
CAN wake-up = ON
WK = off; voltage regulator V2 disabled; Tj
= 25°C
10
15
µA
A.063
IV(CANWU 85)(3)(4)
Standby modes;
CAN wake-up = ON
WK = off; voltage regulator V2 disabled; Tj
= 85°C
10
15
A.064
ICAN, rec(4)
Current consumption for
CAN, recessive state
Active mode or V1standby mode; CAN =
ON; VCANSUP = 5 V; VTXDC =
5 V; no external resistance on CAN
4
7
10
mA A.065
ICAN, dom(4)
Current consumption for
CAN, dominant state
Active mode or V1standby mode; CAN =
ON; VCANSUP = 5 V; VTXDC =
GND; no external resistance on CAN
7
10
13
mA A.066
ICAN, rom(4)
Current consumption for
CAN, receive only mode
Active mode or V1standby mode; CAN in
receive mode; VCANSUP = 5 V; VTXDC =
5 V; no external resistance on CAN
4
6
9
mA A.067
IV(VBAT_LINWU,25)(3)
Current consumption for
LIN wake capability
VBAT_standby;
LIN wake-up = ON
WK = off;
CAN = OFF; Tj = 25°C
15
25
µA
A.068
IV(VBAT_LINWU,85)(3)
VBAT_standby;
LIN wake-up = ON
WK = off;
CAN = OFF; Tj = 85°C
20
30
A.069
IV(VBAT_V2,25)(3)
Current consumption for
Voltage regulator V2 in
Vbat standby mode
VBAT_standby;
V2 On (Iv2 = 0)
CAN OFF;
Wake-up OFF
Tj = 25°C
48
84
µA
A.070
IV(VBAT_V2,85)(3)
VBAT_standby;
V2 On (Iv2 = 0)
CAN OFF;
Wake-up OFF
Tj = 85°C
53
94
A.071
IV(V1stby _HS,25)(3)
Current consumption for
HS drivers
V1_standby
cyclic sense enabled;
HSx (x=3;4) ON;
CAN OFF;
550 950
µA
A.072
SPSB081
Electrical characteristics
DS14048 - Rev 1
page 54/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com