Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081C5 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPSB081C5
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C5 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPSB081C5 Datasheet HTML 10Page - STMicroelectronics SPSB081C5 Datasheet HTML 11Page - STMicroelectronics SPSB081C5 Datasheet HTML 12Page - STMicroelectronics SPSB081C5 Datasheet HTML 13Page - STMicroelectronics SPSB081C5 Datasheet HTML 14Page - STMicroelectronics SPSB081C5 Datasheet HTML 15Page - STMicroelectronics SPSB081C5 Datasheet HTML 16Page - STMicroelectronics SPSB081C5 Datasheet HTML 17Page - STMicroelectronics SPSB081C5 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 135 page
background image
3.2.5
Voltage regulator behavior
Figure 6. Voltage regulator behavior and diagnosis during supply voltage ramp-up / ramp-down
conditions
3.3
Operating modes
The device can be operated in four different operating modes:
•
Active mode: normal operating mode
•
SW-debug mode: software debugging
•
V1_standby mode: low power mode
•
VBAT_standby mode: ultralow power mode
3.3.1
Active mode
All functions are available, and the device is controlled by SPI.
3.3.2
SW-debug mode
To allow software debugging, the watchdog can be deactivated by applying an external voltage to the DEBUG
input pin (Vdebug > VdiH).
In debug mode, all device functionality is available, including CAN, which is enabled by default. The watchdog is
deactivated.
At exit from debug mode (Vdebug < VdiL) the watchdog starts with a long open window.
Note:
The device includes a test mode that is activated by a dedicated sequence including, among others, a high
voltage at the debug pin; debug mode is not intended for normal applicative conditions.
SPSB081
Operating modes
DS14048 - Rev 1
page 14/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com