Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081C5 Datasheet(PDF) 65 Page - STMicroelectronics

Part # SPSB081C5
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C5 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SPSB081C5 Datasheet HTML 61Page - STMicroelectronics SPSB081C5 Datasheet HTML 62Page - STMicroelectronics SPSB081C5 Datasheet HTML 63Page - STMicroelectronics SPSB081C5 Datasheet HTML 64Page - STMicroelectronics SPSB081C5 Datasheet HTML 65Page - STMicroelectronics SPSB081C5 Datasheet HTML 66Page - STMicroelectronics SPSB081C5 Datasheet HTML 67Page - STMicroelectronics SPSB081C5 Datasheet HTML 68Page - STMicroelectronics SPSB081C5 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 135 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VCANSUPlow
CAN supply low
voltage flag
VV1 = VCANSUP
decreasing or
VV2 = VCANSUP
decreasing or
External supply =
VCANSUP decreasing
4.1
4.3
4.5
V
E.031
VCANHL, CM
Common mode Bus
voltage (VCANH +
VCANL) / 2
Measured with respect to
the ground of each CAN
transceiver
-12
12
V
E.113
ITRCV
Transceiver current
consumption during
normal mode
Active mode:
RL=50 Ω … 65 Ω;
70% VRXDC (rising) - 30
% VRXDC (falling);
CRXD=15pF;
TXD rise and fall time =
10 ns (10% - 90%, 90% -
10%);
Test signal to be applied
on the TXD input of
the implementation is a
square wave signal with a
positive duty cycle of 1/6
and a period of six times
the nominal recessive bit
width
Rectangular pulse signal
TTXDC= 6*TBIT(2), high
pulse 1*TBIT, low pulse
5*TBIT
120
mA
E.003
ITRCV_short
Transceiver current
consumption during
output short
RL=50 Ω…65 Ω;
VCANH=-3 V or VCANL=40
V
120
mA
E.004
ITRCVLPbias
Transceiver current
consumption; biasing
active
RL=50 Ω … 65 Ω;
VTXDC=VTXDCHIGH;
400
600
µA
E.005
ITRCVLP
Transceiver current
consumption during
low-power mode;
biasing inactive
RL=50 Ω … 65 Ω;
VTXDC=VTXDCHIGH;
10
50
µA
E.006
BR
Supported bitrates
Supported bitrates at
which all requirements are
fulfilled
5
Mb/s
E.007
1. VAt VSREG < VSREG_Tranmitter(min) the transceiver shall enter high impedance state .
2. The bit time TBIT is the nominal bit time at a given bit rate (TBIT = 1/BR). E.g.: At BR=2 Mb/s => TBIT = 500 ns
Table 41. CAN transmit data input: Pin TxDC
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VTXDCLOW
Input voltage
dominant level
Active mode
1.0
1.45
2.0
V
E.008
VTXDCHIGH
Input voltage
recessive level
Active mode
1.2
1.85
2.3
V
E.009
VTXDCHYS
VTXDCHIGH-VTXDCLOW Active mode
0.2
0.7
V
E.010
SPSB081
CAN FD transceiver
DS14048 - Rev 1
page 65/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com