Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081C5 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPSB081C5
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C5 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPSB081C5 Datasheet HTML 11Page - STMicroelectronics SPSB081C5 Datasheet HTML 12Page - STMicroelectronics SPSB081C5 Datasheet HTML 13Page - STMicroelectronics SPSB081C5 Datasheet HTML 14Page - STMicroelectronics SPSB081C5 Datasheet HTML 15Page - STMicroelectronics SPSB081C5 Datasheet HTML 16Page - STMicroelectronics SPSB081C5 Datasheet HTML 17Page - STMicroelectronics SPSB081C5 Datasheet HTML 18Page - STMicroelectronics SPSB081C5 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 135 page
background image
3.3.3
V1_standby mode
The transition from active mode to V1_standby mode is controlled by SPI (STBY_SEL bit and GO_STBY bit in
CR2).
To supply the microcontroller in a low power mode, the V1 voltage regulator remains active.
After the V1_standby command (CSN low to high transition), the device enters V1_standby mode immediately
and the watchdog starts a long open window (tLW). The watchdog is deactivated as soon as the V1 load current
drops below the icmp threshold (Iv1 < Icmp).
The V1 load current monitoring can be deactivated by setting ICMP=1. In this configuration, the watchdog is
deactivated upon transition into V1_standby mode without monitoring the V1 load current.
Writing ICMP (CR 34) = 1 is only possible with the first SPI command after setting ICMP_CONFIG_EN (Config
Reg) = 1. The ICMP_CONFIG_EN bit is reset to ‘0’ automatically with next SPI command.
LIN and CAN transmitters are switched off in V1_standby mode.
OUT1, OUT2, OUT3, and OUT4 remain in the configuration programmed before the standby command.
V2 voltage regulator remains in the configuration programmed before the standby command. Even though LIN
and CAN transceivers are switched off, they can still wake up the micro (see Table 7. Wake-up source).
In V1_standby mode various wake-up sources can be individually programmed. Normally a wake-up event puts
the device into active mode and forces the NINT pin to a low level indicating the wake-up condition to the
microcontroller. Writing IWK (CR 34) = 1 a wake-up event on CAN and wake up pins forces NINT pin to a low
level indicating the wake-up condition to the microcontroller. However, no change in the SBC mode occurs.
3.3.4
Interrupt
The interrupt signal on NINT pin is generated to communicate a specific event to the microcontroller. NINT is
pulled low after a reaction time when one of the following events occurs.
In active mode, this event can be related to each one of the status flags latched in the global status byte register
(GSBN bit).
A bit register is available to mask each one of these flags:
•
RSTB: MASK_RSTB (0x3F)
•
PLE: MASK_PLE (0x3F)
•
FE: MASK_FE (0x3F)
•
DE: MASK_DE (0x3F)
•
GW: MASK_GW (0x3F)
These masks are common for the generation of GSBN, NINT, and DIAGN (in extended mode).
NINT pulse can also be related to the CAN communication timeout event (no CAN communication for t > tSilence).
The CANTO flag is set. This interrupt can be masked by CANTO_NINT_MASK SPI bit.
In V1 standby mode, it can also be related to the following events:
•
CAN communication timeout (no CAN communication for t > tSilence). The CANTO flag is set. This interrupt
can be masked by CANTO_NINT_MASK SPI bit.
•
Wake-up from V1_standby mode by any wake-up source (WU1, WU2, LIN, CAN, TIMER1/2, SPI). This
interrupt can be masked by WU_NINT_MASK SPI bit.
In case of increasing V1 load current during V1_standby mode (Iv1 > Icmp), the device remains in standby mode
and the watchdog starts with a long open window. No interrupt signal is generated.
NINT pin is an open drain structure to allow multiple connections.
SPSB081
Operating modes
DS14048 - Rev 1
page 15/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com