Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081C5 Datasheet(PDF) 57 Page - STMicroelectronics

Part # SPSB081C5
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C5 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button SPSB081C5 Datasheet HTML 53Page - STMicroelectronics SPSB081C5 Datasheet HTML 54Page - STMicroelectronics SPSB081C5 Datasheet HTML 55Page - STMicroelectronics SPSB081C5 Datasheet HTML 56Page - STMicroelectronics SPSB081C5 Datasheet HTML 57Page - STMicroelectronics SPSB081C5 Datasheet HTML 58Page - STMicroelectronics SPSB081C5 Datasheet HTML 59Page - STMicroelectronics SPSB081C5 Datasheet HTML 60Page - STMicroelectronics SPSB081C5 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 135 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit Item
tV1FS
V1 fail-safe filter time
Tested by scan
1.43
2
2.06
ms C.019
tV1off
V1 deactivation time after 8
consecutive WD failures
Tested by scan
200
270
ms C.020
1. Below 3.55 V, the POR VSREG can be activated and there is a device reset.
2. Guaranteed by design.
3. Nominal capacitor value required for stability of the regulator. Tested with 1 μF ceramic (+/- 20%). Capacitor must be located
close to the regulator output pin. A 2.2 uF capacitor value is recommended to minimize the DPI (Direct power injection)
stress in the application.
4. In active mode, V1 regulator is switched to high accuracy mode. Below the Icmp threshold, regulator switches in any case to
nominal accuracy mode (same behavior applies also in case of high current).
5.4
Voltage regulator V2
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 4.5 V
< VS< 28 V; 4.5 V < VSREG< 28 V; Tj = from -40°C to 150°C, unless otherwise specified.
The same parameter values in both 5 V and 3.3 V conditions apply unless otherwise specified.
Table 31. Voltage regulator V2
Symbol
Parameter
Condition
Min Typ Max Unit Item
V2
Output voltage including line
and load regulation
VSREG ≥ 6.5 V
5.0
V
C.053
3.3
C.054
V2high_acc
Output voltage tolerance
High accuracy mode
ILOAD = 100 μA to 50mA, (active mode)
VSREG = 13.5 V
-2.5
+2.5
%
C.055
V2100mA
Output voltage tolerance (50 …
100mA)
ILOAD = 100 mA,
VSREG = 13.5 V
-3
+3
%
C.056
ΔVo
(1)
Output voltage tracking accuracy
Icc2 = 100 µA to 100 mA, Icc1=30 mA Vsreg
= 6.5 V to 28 V
-20
20
mV C.057
VDP2
Drop-out voltage
Iload =30 mA; VSREG =5.25 V (V2=5V) and
VSREG =3.55 V (V2=3.3 V)
0.3
0.5
V
C.022
Iload =100 mA @ T= 25°C;
VSREG =5.0 V (V2 = 5.0 V) and
VSREG = 3.55 V (V2 = 3.3 V)
0.75 0.85
V
C.058
ICCmax2
Output current limitation
400 600 1200 mA C.023
Cload(2)(3)
Load capacitor
Ceramic (+/- 20%)
1
10
μF
C.024
V2fail_5
V2 short circuit voltage to switch
V2 off and set SPI bit
V2 forced (V2 = 5 V)
2
3
V
C.025
V2fail_33
V2 forced (V2 = 3V3)
1.3
2
C.060
tV2fail
V2 fail filter time
Tested by scan
6
13
20
µs
C.068
tV2short
V2 short filter time
Tested by scan
-
4
-
ms C.026
1. Output voltage tracking accuracy are guaranteed only in DC condition.
2. Nominal capacitor value required for stability of the regulator. Tested with 1µF ceramic (+/- 20%). Capacitor must be located
close to the regulator output pin. A 2.2 μF capacitor value is recommended to minimize the DPI stress in the application.
3. Guaranteed by design.
5.5
Reset output
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin. 4 V ≤
VS ≤ 28 V; 4 V < VSREG< 28 V; Tj = from -40 to 150°C, unless otherwise specified.
SPSB081
Voltage regulator V2
DS14048 - Rev 1
page 57/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com