Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081C5 Datasheet(PDF) 86 Page - STMicroelectronics

Part # SPSB081C5
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C5 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SPSB081C5 Datasheet HTML 82Page - STMicroelectronics SPSB081C5 Datasheet HTML 83Page - STMicroelectronics SPSB081C5 Datasheet HTML 84Page - STMicroelectronics SPSB081C5 Datasheet HTML 85Page - STMicroelectronics SPSB081C5 Datasheet HTML 86Page - STMicroelectronics SPSB081C5 Datasheet HTML 87Page - STMicroelectronics SPSB081C5 Datasheet HTML 88Page - STMicroelectronics SPSB081C5 Datasheet HTML 89Page - STMicroelectronics SPSB081C5 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 135 page
background image
Bit
Name
Description
•
V1UV (when UV is more than 2ms)
•
TSD2
•
FORCED SLEEP TSD/V1SC
SR2(0x32)
•
FORCED SLEEP V1OV
SR6 (0x36):
•
SGNDLOSS
All control Registers are set to default
Control registers are blocked for WRITE access except the following bits:
CR1 (0x01):
•
TRIG
•
CAN_ACT
CR2 (0x02):
•
Timer settings (bits 8…13 and bits 16…21)
CR5 (0x05):
•
OUT1_x (bits 0…2)
•
OUT2_x (bits 4…6)
•
OUT3_x (bits 8…10)
•
OUT4_x (bits 12…14)
•
CR9 (0x09) to CR11 (0x0B) PWM frequency and duty cycles
Config register (0x3F)
•
V2_0
•
V2_1
0 = fail-safe inactive (default)
1 = fail-safe active
FS is cleared upon exit from fail-safe mode (refer to Section 3.7 Fail safe mode )
1. Individual failure flags may be masked in the CR1 (0x26).
2. Bit may be masked in the configuration register (0x3F), that is, the bit will not be included in the global status bit (GSB).
3. Open load status flags may be masked in the Configuration register (0x3F), i.e. the open load flag will be included in the FE
flag, but will not set the GSB. TW failure status flags may be masked in the Configuration register (0x3F), i.e. the TW flag
will be included in the GW flag, but will not set the GSB.
SPSB081
Global status byte (GSB)
DS14048 - Rev 1
page 86/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com