Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25Q41ASIGT Datasheet(PDF) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q41ASIGT
Description  Uniform Sector Dual and Quad Serial Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q41ASIGT Datasheet(HTML) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q41ASIGT Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25Q21B
19
Figure 7. Write Status Register Sequence Diagram
7.7. Read Data Bytes (READ) (03H)
The Read Data Bytes (READ) command is followed by a 3-byte address (A23-A0), each bit being latched-in during
the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO, each bit being shifted out, at a
Max frequency fR, during the falling edge of SCLK. The first byte addressed can be at any location. The address is
automatically incremented to the next higher address after each byte of data is shifted out. The whole memory can,
therefore, be read with a single Read Data Bytes (READ) command. Any Read Data Bytes (READ) command, while an
Erase, Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in progress.
Figure 8. Read Data Bytes Sequence Diagram
7.8. Read Data Bytes at Higher Speed (Fast Read) (0BH)
The Read Data Bytes at Higher Speed (Fast Read) command is for quickly reading data out. It is followed by a 3-byte
address (A23-A0) and a dummy byte, each bit being latched-in during the rising edge of SCLK. Then the memory content,
at that address, is shifted out on SO, each bit being shifted out, at a Max frequency fC, during the falling edge of SCLK. The
first byte addressed can be at any location. The address is automatically incremented to the next higher address after each
byte of data is shifted out.
Command
0
1
2
3
4
5
6
7
31H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
MSB
Status Register in
16 17 18 19 20 21 22 23
14 13 12 11 10 9
15
8
Command
0
1
2
3
4
5
6
7
03H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31 32
MSB
3
2
1
0
34 35 36 37
33
23 22 21
7
6
5
4
3
2
1
0
38 39
24-bit address
MSB
Data Out1
Data Out2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com