Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25Q41ASIGT Datasheet(PDF) 11 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q41ASIGT
Description  Uniform Sector Dual and Quad Serial Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q41ASIGT Datasheet(HTML) 11 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q41ASIGT Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25Q21B
11
6. STATUS REGISTER
S15
S14
S13
S12
S11
S10
S9
S8
SUS
CMP
LB3
LB2
LB1
HPF
QE
SRP1
S7
S6
S5
S4
S3
S2
S1
S0
SRP0
BP4
BP3
BP2
BP1
BP0
WEL
WIP
The status and control bits of the Status Register are as follows:
WIP bit.
The Write In Progress (WIP) bit indicates whether the memory is busy in program/erase/write status register progress.
When WIP bit sets to 1, means the device is busy in program/erase/write status register progress, when WIP bit sets 0,
means the device is not in program/erase/write status register progress.
WEL bit.
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When set to 1 the internal
Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and no Write Status Register, Program or
Erase command is accepted.
BP4, BP3, BP2, BP1, BP0 bits.
The Block Protect (BP4, BP3, BP2, BP1, BP0) bits are non-volatile (Default Value is 0). They define the size of the
area to be software protected against Program and Erase commands. These bits are written with the Write Status Register
(WRSR) command. When the Block Protect (BP4, BP3, BP2, BP1, BP0) bits are set to 1, the relevant memory area (as
defined in Table1).becomes protected against Page Program (PP), Sector Erase (SE) and Block Erase (BE) commands.
The Block Protect (BP4, BP3, BP2, BP1, BP0) bits can be written provided that the Hardware Protected mode has not
been set. The Chip Erase (CE) command is executed, if the Block Protect (BP4, BP3, BP2, BP1, BP0) bits are set to
“None
protected
”.
SRP1, SRP0 bits.
The Status Register Protect (SRP1 and SRP0) bits are non-volatile Read/Write bits in the status register. The SRP
bits control the method of write protection: software protection, hardware protection, power supply lock-down or one time
programmable protection.
SRP1
SRP0
#WP
Status Register
Description
0
0
X
Software Protected
WP# pin has no control. The Status Register can be written to
after a Write Enable command, WEL=1.(Default)
0
1
0
Hardware Protected
When WP# pin is low the Status Register locked and can not
be written to.
0
1
1
Hardware Unprotected
When WP# pin is high the Status Register is unlocked and
can be written to after a Write Enable command, WEL=1.
1
0
X
Power Supply Lock-Down(1)
Status Register is protected and can not be written to again
until the next Power-Down, Power-Up cycle.
1
1
X
One Time Program(2)
Status Register is permanently protected and can not be
written to.
NOTE:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com