Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25Q41ASIGT Datasheet(PDF) 14 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q41ASIGT
Description  Uniform Sector Dual and Quad Serial Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q41ASIGT Datasheet(HTML) 14 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q41ASIGT Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGT Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25Q21B
14
Suspend
Program/Erase Resume
7AH
Deep Power-Down
B9H
Release From Deep
Power-Down, And
Read Device ID
ABH
dummy
dummy
dummy
(DID7-
DID0)
(continuous)
Release From Deep
Power-Down
ABH
Manufacturer/
Device ID
90H
dummy
dummy
00H
(MID7-
MID0)
(DID7-
DID0)
(continuous)
Manufacturer/
Device ID by Dual I/O
92H
A23-A8
A7-A0,
M7-M0
(MID7-MID
0)
(DID7-DID
0)
(continuous)
Manufacturer/
Device ID by Quad I/O
94H
A23-A0,
M7-M0
dummy
(11)
(MID7-
MID0)
(DID7-DID0)
(continuous)
Read Identification
9FH
(M7-M0)
(JDID15-
JDID8)
(JDID7-
JDID0)
(continuous)
High Performance Mode
A3H
dummy
dummy
dummy
Erase Security
Registers(9)
44H
A23-A16
A15-A8
A7-A0
Program Security
Registers(9)
42H
A23-A16
A15-A8
A7-A0
(D7-D0)
(D7-D0)
Read Security
Registers(9)
48H
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
NOTE:
1. Write Status Register (01H)
Normally, Write Status Register (01H) is used to write both lower status register and higher status register;
However, if CS# goes up at the eighth bit of the data byte, the data byte would be written as lower byte of status
register, without changing the higher byte of status register.
2. Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
3. Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8
A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9
A7, A5, A3, A1, M7, M5, M3, M1
4. Quad Output Data
IO0 = (D4, D0, …..)
IO1 = (D5, D1, …..)
IO2 = (D6, D2, …..)
IO3 = (D7, D3,…..)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com