Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 146 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 146 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 142Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 143Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 144Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 145Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 146Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 147Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 148Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 149Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 150Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 400 page
background image
Peripherals
6.8.5.1 TASKS_PUSH_KEYSLOT
Address offset: 0x0000
Push a key slot over secure APB
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_PUSH_KEYSLOT
Push a key slot over secure APB
Trigger
1
Trigger task
6.8.5.2 EVENTS_KEYSLOT_PUSHED
Address offset: 0x100
Key slot successfully pushed over secure APB
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_KEYSLOT_PUSHED
Key slot successfully pushed over secure APB
NotGenerated
0
Event not generated
Generated
1
Event generated
6.8.5.3 EVENTS_KEYSLOT_REVOKED
Address offset: 0x104
Key slot has been revoked and cannot be tasked for selection
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_KEYSLOT_REVOKED
Key slot has been revoked and cannot be tasked for selection
NotGenerated
0
Event not generated
Generated
1
Event generated
6.8.5.4 EVENTS_KEYSLOT_ERROR
Address offset: 0x108
No key slot selected, no destination address defined, or error during push operation
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_KEYSLOT_ERROR
No key slot selected, no destination address defined, or error during
push operation
NotGenerated
0
Event not generated
Generated
1
Event generated
4418_1315 v2.0
146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com