Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 149 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 149 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 145Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 146Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 147Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 148Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 149Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 150Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 151Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 152Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 153Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 400 page
background image
Peripherals
6.8.5.10 SELECTKEYSLOT
Address offset: 0x500
Select key slot to be read over AHB or pushed over secure APB when TASKS_PUSH_KEYSLOT is started
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
ID
Select key slot ID to be read over AHB, or pushed over secure APB,
when TASKS_PUSH_KEYSLOT is started.
NOTE: ID=0 is not a valid key slot ID. The 0 ID should be used when the
KMU is idle or not in use.
NOTE: Index N in UICR->KEYSLOT.KEY[N] and UICR-
>KEYSLOT.CONFIG[N] corresponds to KMU key slot ID=N+1.
6.9 PDM — Pulse density modulation interface
The pulse density modulation (PDM) module enables input of pulse density modulated signals from
external audio frontends, for example, digital microphones. The PDM module generates the PDM clock
and supports single-channel or dual-channel (left and right) data input. Data is transferred directly to RAM
buffers using EasyDMA.
Listed here are the main features for PDM:
• Up to two PDM microphones configured as a left/right pair using the same data input
• 16 kHz output sample rate, 16-bit samples
• EasyDMA support for sample buffering
• HW decimation filters
• Selectable ratio of 64 or 80 between PDM_CLK and output sample rate
The PDM module illustrated below is interfacing up to two digital microphones with the PDM interface.
EasyDMA is implemented to relieve the real-time requirements associated with controlling of the PDM
slave from a low priority CPU execution context. It also includes all the necessary digital filter elements to
produce pulse code modulation (PCM) samples. The PDM module allows continuous audio streaming.
DIN
CLK
Bandpass and
Bandpass and
PDM to PCM
PDM to PCM
Master clock
generator
decimation (left)
decimation (right)
Figure 37: PDM module
6.9.1 Master clock generator
The master clock generator's PDMCLKCTRL register allows adjusting the PDM clock's frequency.
The master clock generator does not add any jitter to the HFCLK source chosen. It is recommended (but
not mandatory) to use the Xtal as HFCLK source.
4418_1315 v2.0
149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com