Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 148 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 148 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 144Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 145Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 146Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 147Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 148Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 149Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 150Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 151Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 152Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW
KEYSLOT_REVOKED
Write '1' to disable interrupt for event KEYSLOT_REVOKED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C
RW
KEYSLOT_ERROR
Write '1' to disable interrupt for event KEYSLOT_ERROR
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.8.5.8 INTPEND
Address offset: 0x30C
Pending interrupts
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
KEYSLOT_PUSHED
Read pending status of interrupt for event KEYSLOT_PUSHED
NotPending
0
Read: Not pending
Pending
1
Read: Pending
B
R
KEYSLOT_REVOKED
Read pending status of interrupt for event KEYSLOT_REVOKED
NotPending
0
Read: Not pending
Pending
1
Read: Pending
C
R
KEYSLOT_ERROR
Read pending status of interrupt for event KEYSLOT_ERROR
NotPending
0
Read: Not pending
Pending
1
Read: Pending
6.8.5.9 STATUS
Address offset: 0x40C
Status bits for KMU operation
This register is reset and re-written by the KMU whenever SELECTKEYSLOT is written
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
SELECTED
Key slot ID successfully selected by the KMU
Disabled
0
No key slot ID selected by KMU
Enabled
1
Key slot ID successfully selected by KMU
B
R
BLOCKED
Violation status
Disabled
0
No access violation detected
Enabled
1
Access violation detected and blocked
4418_1315 v2.0
148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com