Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 151 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 151 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 147Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 148Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 149Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 150Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 151Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 152Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 153Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 154Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 155Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 400 page
background image
Peripherals
MODE.OPERATION
Bits per sample
Result stored per RAM
word
Physical RAM allocated
(32-bit words)
Result boundary indexes
in RAM
Note
Stereo
32 (2x16)
L+R
ceil(SAMPLE.MAXCNT/2) R0=[31:16]; L0=[15:0]
Default
Mono
16
2xL
ceil(SAMPLE.MAXCNT/2) L1=[31:16]; L0=[15:0]
Table 54: DMA sample storage
The destination buffer in RAM consists of one block, the size of which is set in SAMPLE.MAXCNT register.
Format is number of 16-bit samples. The physical RAM allocated is always:
(RAM allocation, in bytes) = SAMPLE.MAXCNT * 2;
(but the mapping of the samples depends on MODE.OPERATION.
If OPERATION=Stereo, RAM will contain a succession of left and right samples.
If OPERATION=Mono, RAM will contain a succession of left only samples.
For a given value of SAMPLE.MAXCNT, the buffer in RAM can contain half the stereo sampling time as
compared to the mono sampling time.
The PDM acquisition can be started by the START task, after the SAMPLE.PTR and SAMPLE.MAXCNT
registers have been written. When starting the module, it will take some time for the filters to start
outputting valid data. Transients from the PDM microphone itself may also occur. The first few samples
(typically around 50) might hence contain invalid values or transients. It is therefore advised to discard the
first few samples after a PDM start.
As soon as the STARTED event is received, the firmware can write the next SAMPLE.PTR value (this register
is double-buffered), to ensure continuous operation.
When the buffer in RAM is filled with samples, an END event is triggered. The firmware can start
processing the data in the buffer. Meanwhile, the PDM module starts acquiring data into the new buffer
pointed to by SAMPLE.PTR, and sends a new STARTED event, so that the firmware can update SAMPLE.PTR
to the next buffer address.
6.9.5 Hardware example
PDM can be configured with a single microphone (mono), or with two microphones.
When a single microphone is used, connect the microphone clock to CLK, and data to DIN.
CLK
Vdd
DATA
L/R
CLK
DIN
nRFxxxxx
CLK
DIN
Figure 38: Example of a single PDM microphone, wired as left
CLK
Vdd
DATA
L/R
CLK
DIN
nRFxxxxx
CLK
DIN
Figure 39: Example of a single PDM microphone, wired as right
Note that in a single-microphone (mono) configuration, depending on the microphone’s implementation,
either the left or the right channel (sampled at falling or rising CLK edge respectively) will contain reliable
data.
4418_1315 v2.0
151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com