Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 182 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 182 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 178Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 179Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 180Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 181Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 182Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 183Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 184Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 185Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 186Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
LOAD
How a sequence is read from RAM and spread to the compare register
Common
0
1st half word (16-bit) used in all PWM channels 0..3
Grouped
1
1st half word (16-bit) used in channel 0..1; 2nd word in channel 2..3
Individual
2
1st half word (16-bit) in ch.0; 2nd in ch.1; ...; 4th in ch.3
WaveForm
3
1st half word (16-bit) in ch.0; 2nd in ch.1; ...; 4th in COUNTERTOP
B
RW
MODE
Selects source for advancing the active sequence
RefreshCount
0
SEQ[n].REFRESH is used to determine loading internal compare
registers
NextStep
1
NEXTSTEP task causes a new value to be loaded to internal compare
registers
6.10.5.26 LOOP
Address offset: 0x514
Number of playbacks of a loop
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CNT
Number of playbacks of pattern cycles
Disabled
0
Looping disabled (stop at the end of the sequence)
6.10.5.27 SEQ[n].PTR (n=0..1)
Address offset: 0x520 + (n × 0x20)
Beginning address in RAM of this sequence
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
PTR
Beginning address in RAM of this sequence
Note: See the memory chapter for details about which
memories are available for EasyDMA.
6.10.5.28 SEQ[n].CNT (n=0..1)
Address offset: 0x524 + (n × 0x20)
Number of values (duty cycles) in this sequence
4418_1315 v2.0
182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com