Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 183 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 183 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 179Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 180Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 181Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 182Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 183Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 184Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 185Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 186Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 187Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CNT
Number of values (duty cycles) in this sequence
Disabled
0
Sequence is disabled, and shall not be started as it is empty
6.10.5.29 SEQ[n].REFRESH (n=0..1)
Address offset: 0x528 + (n × 0x20)
Number of additional PWM periods between samples loaded into compare register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
ID
R/W
Field
Value ID
Value
Description
A
RW
CNT
Number of additional PWM periods between samples loaded into
compare register (load every REFRESH.CNT+1 PWM periods)
Continuous
0
Update every PWM period
6.10.5.30 SEQ[n].ENDDELAY (n=0..1)
Address offset: 0x52C + (n × 0x20)
Time added after the sequence
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CNT
Time added after the sequence in PWM periods
6.10.5.31 PSEL.OUT[n] (n=0..3)
Address offset: 0x560 + (n × 0x4)
Output pin select for PWM channel n
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C
A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW
PIN
[0..31]
Pin number
C
RW
CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
6.11 RTC — Real-time counter
The real-time counter (RTC) module provides a generic, low-power timer on the low frequency clock
source (LFCLK).
4418_1315 v2.0
183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com