Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 186 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 186 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 182Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 183Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 184Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 185Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 186Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 187Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 188Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 189Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 190Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 400 page
background image
Peripherals
6.11.5 Tick event
The TICK event enables low-power tickless RTOS implementation, as it optionally provides a regular
interrupt source for an RTOS with no need for use of the ARM SysTick feature.
Using the TICK event, rather than the SysTick, allows the CPU to be powered down while keeping RTOS
scheduling active.
Note: The TICK event is disabled by default.
6.11.6 Event control
To optimize the RTC power consumption, events in the RTC can be individually disabled to prevent
PCLK16M and HFCLK from being requested when those events are triggered. This is managed using the
EVTEN register.
This means that the RTC implements a slightly different task and event system compared to the standard
system described in Peripheral interface on page 15. The RTC task and event system is illustrated in the
following figure.
RTC core
TASK
OR
Task signal from PPI
task
event
EVENT m
IRQ signal to NVIC
INTEN
m
RTC
EVTEN
m
Event signal to PPI
write
Figure 54: Tasks, events, and interrupts in the RTC
6.11.7 Compare
The RTC implements one COMPARE event for every available compare register.
When the COUNTER is incremented and then becomes equal to the value specified in the register CC[n],
the corresponding compare event COMPARE[n] is generated.
When writing a CC[n] register, the RTC COMPARE event exhibits several behaviors. See the following
figures for more information.
If a CC value is
0 when a CLEAR task is set, this will not trigger a COMPARE event.
4418_1315 v2.0
186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com