Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1ST040EH2F35I3VLS1 Datasheet(PDF) 10 Page - Intel Corporation

Part # 1ST040EH2F35I3VLS1
Description  Intel® Stratix® 10 TX Device Overview
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

1ST040EH2F35I3VLS1 Datasheet(HTML) 10 Page - Intel Corporation

Back Button 1ST040EH2F35I3VLS1 Datasheet HTML 6Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 7Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 8Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 9Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 10Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 11Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 12Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 13Page - Intel Corporation 1ST040EH2F35I3VLS1 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Feature
Description
Configuration
• Dedicated Secure Device Manager
• Software programmable device configuration
• Serial and parallel flash interface
• Configuration via protocol (CvP) using PCI Express Gen1/Gen2/Gen3
• Fine-grained partial reconfiguration of core fabric
• Dynamic reconfiguration of transceivers and PLLs
• Comprehensive set of security features including AES-256, SHA-256/384, and
ECDSA-256/384 accelerators, and multi-factor authentication
• Physically Unclonable Function (PUF) service
Packaging
• Intel Embedded Multi-die Interconnect Bridge (EMIB) packaging technology
• Multiple devices with identical package footprints allows seamless migration across
different device densities
• 1.0 mm ball-pitch FBGA packaging
• Lead and lead-free package options
Software and tools
• Intel Quartus® Prime Pro Edition design suite with Hyper-Aware design flow
• Fast Forward compiler to allow HyperFlex architecture performance exploration
• Transceiver toolkit
• Platform Designer system integration tool
• DSP Builder advanced blockset
• OpenCL™ support
• SoC Embedded Design Suite (EDS)
Table 3.
Intel Stratix 10 TX HPS Features (Available in Select Devices)
SoC Subsystem
Feature
Description
Hard Processor
System
Multi-processor unit (MPU) core
• Quad-core Arm Cortex-A53 MPCore processor with Arm
CoreSight* debug and trace technology
• Scalar floating-point unit supporting single and double
precision
• Arm Neon* media processing engine for each processor
System Controllers
• System Memory Management Unit (SMMU)
• Cache Coherency Unit (CCU)
Layer 1 Cache
• 32 KB L1 instruction cache with parity
• 32 KB L1 data cache with ECC
Layer 2 Cache
• 1 MB Shared L2 Cache with ECC
On-Chip Memory
• 256 KB On-Chip RAM
Direct memory access (DMA) controller
• 8-Channel DMA
Ethernet media access controller
(EMAC)
• Three 10/100/1000 EMAC with integrated DMA
USB On-The-Go controller (OTG)
• 2 USB OTG with integrated DMA
UART controller
• 2 UART 16550 compatible
Serial Peripheral Interface (SPI)
controller
• 4 SPI
I2C controller
• 5 I2C controllers
SD/SDIO/MMC controller
• 1 eMMC 4.5 with DMA and CE-ATA support
NAND flash controller
• 1 ONFI 1.0 or later 8 and 16 bit support
General-purpose I/O (GPIO)
• Maximum of 48 software programmable GPIO
continued...
1. Intel® Stratix® 10 TX Device Overview
683717 | 2022.08.18
Intel® Stratix® 10 TX Device Overview
Send Feedback
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com