Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMXRT8024DAF4A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MIMXRT8024DAF4A
Description  i.MX RT1060X Crossover Processors for Extended Products
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT8024DAF4A Datasheet(HTML) 4 Page - NXP Semiconductors

  MIMXRT8024DAF4A Datasheet HTML 1Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 2Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 3Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 4Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 5Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 6Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 7Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 8Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 103 page
background image
• Timers and PWMs:
— Two General Programmable Timers (GPT)
◦ 4-channel generic 32-bit resolution timer for each
◦ Each support standard capture and compare operation
— Four Periodical Interrupt Timers (PIT)
◦ Generic 32-bit resolution timer
◦ Periodical interrupt generation
— Four Quad Timers (QTimer)
◦ 4-channel generic 16-bit resolution timer for each
◦ Each support standard capture and compare operation
◦ Quadrature decoder integrated
— Four FlexPWMs
◦ Up to 8 individual PWM channels per each
◦ 16-bit resolution PWM suitable for Motor Control applications
— Four Quadrature Encoder/Decoders
Each i.MX RT1060X processor enables the following interfaces to external devices (some of them are muxed and not
available simultaneously):
• Display Interface:
— Parallel RGB LCD interface
◦ Support 8/16/24 bit interface
◦ Support up to WXGA resolution
◦ Support Index color with 256 entry x 24 bit color LUT
◦ Smart LCD display with 8/16-bit MPU/8080 interface
• Audio:
— S/PDIF input and output
— Three synchronous audio interface (SAI) modules supporting I2S, AC97, TDM, and codec/DSP interfaces
— MQS interface for medium quality audio via GPIO pads
• Generic 2D graphics engine:
— BitBlit
— Flexible image composition options—alpha, chroma key
— Porter-duff blending
— Image rotation (90°, 180°, 270°)
— Image size
— Color space conversion
— Multiple pixel format support (RGB, YUV444, YUV422, YUV420, YUV400)
— Standard 2D-DMA operation
• Camera sensors:
— Support 24-bit, 16-bit, and 8-bit CSI input
NXP Semiconductors
i.MX RT1060X Introduction
i.MX RT1060X Crossover Processors for Extended Products , Rev. 1, 06/2022
Data Sheet: Technical Data
4 / 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com