Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMXRT8024DAF4A Datasheet(PDF) 97 Page - NXP Semiconductors

Part # MIMXRT8024DAF4A
Description  i.MX RT1060X Crossover Processors for Extended Products
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT8024DAF4A Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button MIMXRT8024DAF4A Datasheet HTML 93Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 94Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 95Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 96Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 97Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 98Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 99Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 100Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 103 page
background image
Table 84. 13 x 13 mm, 0.8 mm pitch, ball map (continued)
C
GPIO
_EM
C_18
GPIO
_EM
C_27
GPIO
_EM
C_34
GPIO
_EM
C_16
GPIO
_EM
C_31
GPIO
_EM
C_30
GPIO
_SPI
_B0_
10
GPIO
_SPI
_B0_
05
GPIO
_SPI
_B0_
01
GPIO
_B0_
01
GPIO
_B0_
02
GPIO
_B0_
10
GPIO
_B1_
07
GPIO
_B1_
10
GPIO
_B1_
11
C
D
GPIO
_EM
C_21
GPIO
_EM
C_00
GPIO
_EM
C_35
GPIO
_EM
C_37
GPIO
_EM
C_33
VSS GPIO
_SPI
_B0_
07
GPIO
_SPI
_B0_
02
GPIO
_B0_
00
VSS GPIO
_B0_
09
GPIO
_B0_
12
GPIO
_B1_
03
GPIO
_B1_
06
GPIO
_B1_
15
D
E
GPIO
_EM
C_25
GPIO
_EM
C_01
GPIO
_EM
C_24
VSS GPIO
_EM
C_36
GPIO
_EM
C_32
GPIO
_EM
C_41
GPIO
_SPI
_B0_
06
GPIO
_B0_
04
NVC
C_G
PIO
GPIO
_B0_
13
VSS GPIO
_B0_
14
GPIO
_B0_
15
GPIO
_B1_
14
E
F
GPIO
_EM
C_09
GPIO
_EM
C_28
GPIO
_EM
C_29
GPIO
_EM
C_02
NVC
C_E
MC
VDD
_SO
C_IN
NVC
C_SP
I0
VDD
_SO
C_IN
VDD
_SO
C_IN
VDD
_SO
C_IN
NVC
C_G
PIO
GPIO
_B1_
02
GPIO
_B1_
05
GPIO
_B1_
12
GPIO
_B1_
13
F
G
GPIO
_EM
C_22
GPIO
_EM
C_23
GPIO
_EM
C_07
GPIO
_EM
C_03
NVC
C_E
MC
VDD
_SO
C_IN
VSS VSS VSS VDD
_SO
C_IN
GPIO
_AD_
B0_1
1
GPIO
_B1_
04
GPIO
_AD_
B0_0
4
GPIO
_AD_
B0_0
7
GPIO
_AD_
B0_0
6
G
H
GPIO
_EM
C_10
GPIO
_EM
C_11
GPIO
_EM
C_04
GPIO
_EM
C_05
GPIO
_EM
C_08
VDD
_SO
C_IN
VSS VSS VSS VDD
_SO
C_IN
GPIO
_AD_
B0_0
1
GPIO
_AD_
B0_1
0
GPIO
_AD_
B0_0
8
GPIO
_AD_
B0_0
5
GPIO
_AD_
B0_0
9
H
J
GPIO
_EM
C_12
GPIO
_SD_
B0_0
4
GPIO
_SD_
B0_0
0
NVC
C_S
D0
GPIO
_EM
C_06
VDD
_SO
C_IN
VSS VSS VSS NVC
C_G
PIO
GPIO
_AD_
B1_0
0
GPIO
_AD_
B1_1
4
GPIO
_AD_
B0_0
3
GPIO
_AD_
B1_0
8
GPIO
_AD_
B0_1
4
J
K
GPIO
_SD_
B0_0
2
GPIO
_SD_
B0_0
5
GPIO
_SD_
B0_0
1
VSS DCD
C_SE
NSE
VDD
_SO
C_IN
VDD
_SO
C_IN
NVC
C_SP
I1
PMIC
_ON_
REQ
VDD
_USB
_CAP
GPIO
_AD_
B1_0
7
VSS GPIO
_AD_
B1_1
2
GPIO
_AD_
B1_1
5
GPIO
_AD_
B1_1
3
K
L
GPIO
_SD_
B0_0
3
DCD
C_IN
_Q
DCD
C_PS
WITC
H
GPIO
_SD_
B1_0
3
GPIO
_SD_
B1_0
6
NVC
C_S
D1
GPIO
_SPI
_B1_
04
GPIO
_SPI
_B1_
00
WAK
EUP
NGN
D_KE
L0
GPIO
_AD_
B1_0
2
GPIO
_AD_
B1_0
4
GPIO
_AD_
B1_1
0
GPIO
_AD_
B0_1
2
GPIO
_AD_
B1_1
1
L
M
DCD
C_IN
DCD
C_IN
GPIO
_SD_
B1_0
2
GPIO
_SD_
B1_0
7
VSS VSS GPIO
_SD_
B1_0
0
TEST
_MO
DE
VSS VDD
_SNV
S_CA
P
VDD
A_AD
C_3P
3
GPIO
_AD_
B1_0
1
GPIO
_AD_
B1_0
5
GPIO
_AD_
B0_0
0
GPIO
_AD_
B0_1
3
M
N
DCD
C_LP
DCD
C_LP
GPIO
_SD_
B1_0
4
GPIO
_SD_
B1_0
5
GPIO
_SD_
B1_0
9
GPIO
_SD_
B1_0
1
GPIO
_SPI
_B1_
01
USB_
OTG
2_VB
US
USB_
OTG
1_VB
US
VDD
_HIG
H_C
AP
VDD
_SNV
S_IN
GPIO
_AD_
B0_1
5
GPIO
_AD_
B1_0
3
GPIO
_AD_
B1_0
9
GPIO
_AD_
B1_0
6
N
Table continues on the next page...
NXP Semiconductors
Package information and contact assignments
i.MX RT1060X Crossover Processors for Extended Products , Rev. 1, 06/2022
Data Sheet: Technical Data
97 / 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com