Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMXRT8024DAF4A Datasheet(PDF) 63 Page - NXP Semiconductors

Part # MIMXRT8024DAF4A
Description  i.MX RT1060X Crossover Processors for Extended Products
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT8024DAF4A Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button MIMXRT8024DAF4A Datasheet HTML 59Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 60Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 61Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 62Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 63Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 64Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 65Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 66Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 103 page
background image
Table 55. 12-bit ADC characteristics (VREFH = VDDA, VREFL = VSSAD) (continued)
Characteristic
Conditions1
Symb
Min
Typ2
Max
Unit
Comment
Full-Scale Error
12 bit mode
EFS
—
-1.06
—
LSB
AVGE = 1, AVGS
= 11
10bit mode
—
-0.03
—
8 bit mode
—
-0.02
—
Effective Number
of Bits
12 bit mode
ENOB
10.1
10.7
—
Bits
AVGE = 1, AVGS
= 11
Signal to Noise
plus Distortion
See ENOB
SINAD
SINAD = 6.02 x ENOB + 1.76
dB
AVGE = 1, AVGS
= 11
1. All accuracy numbers assume the ADC is calibrated with VREFH = VDDAD
2. Typical values assume VDDAD = 3.0 V, Temp = 25°C, Fadck = 20 MHz unless otherwise stated. Typical values are for reference
only and are not tested in production.
The ADC electrical spec is met with the calibration enabled configuration.
NOTE
Figure 36. Minimum Sample Time Vs Ras (Cas = 2pF)
NXP Semiconductors
Electrical Characteristics
i.MX RT1060X Crossover Processors for Extended Products , Rev. 1, 06/2022
Data Sheet: Technical Data
63 / 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com